Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2700155 Datasheet (PDF) - PHOENIX CONTACT

Part # 2700155
Description  Outlet box with magnetic base for base mounting, black
File Size   51.79 Kbytes
Html View  1   2   3 
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2700155 Datasheet (PDF) - PHOENIX CONTACT



Similar Part No. - 2700155

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2700150 PHOENIX-2700150 Datasheet
48Kb / 2P
Adapter for single-hole mounting
2700151 PHOENIX-2700151 Datasheet
52Kb / 3P
Foldaway base, pitch 7.5째, black
2700152 PHOENIX-2700152 Datasheet
46Kb / 2P
Tube, 45 mm long, 횠 25 mm, for direct tube mounting on the foldaway base
2700153 PHOENIX-2700153 Datasheet
52Kb / 3P
Outlet box with lateral cable entry for floor and base mounting
2700154 PHOENIX-2700154 Datasheet
47Kb / 2P
Tube, 1000 mm long, 횠 25 mm
More results


Similar Description - 2700155

ManufacturerPart #DatasheetDescription
logo
Elektron Components Ltd...
FX0326 BULGIN-FX0326 Datasheet
79Kb / 1P
Base Mounting, PC1
logo
Molex Electronics Ltd.
130112-0124 MOLEX11-130112-0124 Datasheet
38Kb / 1P
Magnetic Holder Base with Swivel
1301120124 MOLEX11-1301120124 Datasheet
38Kb / 1P
Magnetic Holder Base with Swivel
logo
List of Unclassifed Man...
MIKE-2A ETC2-MIKE-2A Datasheet
903Kb / 3P
Strong magnetic base
logo
Allied Components Inter...
VCMB744826 ALLIED-VCMB744826_18 Datasheet
2Mb / 1P
Solid Base for Stable Mounting
logo
PHOENIX CONTACT
2700143 PHOENIX-2700143 Datasheet
50Kb / 2P
Angle for base mounting, black
2700149 PHOENIX-2700149 Datasheet
54Kb / 2P
Angle for base mounting, concealed cable routing, black
2700153 PHOENIX-2700153 Datasheet
52Kb / 3P
Outlet box with lateral cable entry for floor and base mounting
1645419 PHOENIX-1645419 Datasheet
64Kb / 3P
Box mounting base - HC-B 24-SMQ-84/O1M40
0916589 PHOENIX-0916589 Datasheet
111Kb / 8P
Box mounting base - TMCP SOCKET M
09/11/2020
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com