Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2701154 Datasheet (PDF) - PHOENIX CONTACT

Part # 2701154
Description  Maximum permissible load current per sensor: 250 mA
File Size   101.51 Kbytes
Html View  1   2   3   4   5 
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2701154 Datasheet (PDF) - PHOENIX CONTACT



Similar Part No. - 2701154

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2701150 PHOENIX-2701150 Datasheet
684Kb / 14P
Bus coupler - IBS IL 24 BK-T/U-XC-PAC
2701151 PHOENIX-2701151 Datasheet
72Kb / 4P
INTERBUS branch terminal, version for extreme conditions, complete with accessories (connector plug and labeling field), with remote bus branch, 24 V DC
2701152 PHOENIX-2701152 Datasheet
85Kb / 5P
Inline digital input terminal, version for extreme conditions, complete with accessories (connector plug and labeling field), 4 inputs, 24 V DC, 3-conductor connection technology
2701153 PHOENIX-2701153 Datasheet
62Kb / 3P
Supports month-day-year, day-month-year, and year-month-day formats
2701155 PHOENIX-2701155 Datasheet
87Kb / 5P
Inline digital output terminal, version for extreme conditions, complete with accessories (connector plug and labeling field), 4 outputs, 24 V DC, 500 mA, 3-conductor connection technology
More results


Similar Description - 2701154

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1702 MICROCHIP-MCP1702 Datasheet
794Kb / 26P
250 mA Low Quiescent Current LDO Regulator
2007
MCP1703 MICROCHIP-MCP1703 Datasheet
396Kb / 24P
250 mA, 16V, Low Quiescent Current
2007
logo
Cree, Inc
C450TR5270-S20000 CREE-C450TR5270-S20000 Datasheet
672Kb / 6P
Maximum DC Forward Current - 250 mA Class 2 ESD Rating
logo
Microchip Technology
MCP1703T-3002E MICROCHIP-MCP1703T-3002E Datasheet
303Kb / 25P
250 mA, 16V, Low Quiescent Current
12/08/06
logo
Solid State Optronic
AD4C212 SSOUSA-AD4C212_15 Datasheet
220Kb / 5P
140mA maximum continuous load current
AD4C313 SSOUSA-AD4C313 Datasheet
357Kb / 9P
180mA Maximum Continuous Load Current
AD4C331 SSOUSA-AD4C331_15 Datasheet
213Kb / 5P
200mA maximum continuous load current
AD4C333 SSOUSA-AD4C333_15 Datasheet
366Kb / 9P
200mA Maximum Continuous Load Current
AD6C431 SSOUSA-AD6C431 Datasheet
205Kb / 5P
400mA maximum continuous load current
logo
Silicon Touch Technolog...
ST2226B SITI-ST2226B Datasheet
305Kb / 20P
Maximum output current: 60 mA
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com