Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTE968 Datasheet (PDF) - NTE Electronics

Part # NTE968
Description  Integrated Circuit 3-Terminal Positive Voltage Regulator, 15V
File Size   21.85 Kbytes
Html View  1   2 
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE968 Datasheet (PDF) - NTE Electronics



Similar Part No. - NTE968

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE960 NTE-NTE960 Datasheet
25Kb / 2P
Integrated Circuit 3-Terminal Positive Voltage Regulator, 5V
NTE9601 NTE-NTE9601 Datasheet
53Kb / 4P
Integrated Circuit TTL - Retriggerable Monostable Multivibrator
NTE961 NTE-NTE961 Datasheet
23Kb / 2P
Linear Integrated Circuit Voltage Regulator, Negative, 5V, 1A
NTE962 NTE-NTE962 Datasheet
24Kb / 2P
Integrated Circuit 3.Terminal Positive Voltage Regulator, 6V
NTE963 NTE-NTE963 Datasheet
23Kb / 2P
Linear Integrated Circuit Voltage Regulator, Negative, -6V, 1A
More results


Similar Description - NTE968

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1900 NTE-NTE1900 Datasheet
24Kb / 2P
Integrated Circuit 3-Terminal Adjustable Positive Voltage Regulator
NTE1905 NTE-NTE1905 Datasheet
23Kb / 2P
Integrated Circuit Negative 3 Terminal Voltage Regulator, -15V, 100mA
NTE1916 NTE-NTE1916 Datasheet
25Kb / 2P
3 Terminal Positive Voltage Regulator 15V, 1.5A
NTE1918 NTE-NTE1918 Datasheet
25Kb / 2P
3 Terminal Positive Voltage Regulator 15V, 3A
NTE1919 NTE-NTE1919 Datasheet
24Kb / 2P
Integrated Circuit Negative 3 Terminal Voltage Regulator, -15V, 1.5A
NTE1938 NTE-NTE1938 Datasheet
22Kb / 2P
Integrated Circuit Positive Voltage Regulator, 15V, 2A
NTE1955 NTE-NTE1955 Datasheet
20Kb / 2P
Integrated Circuit Positive 3 Terminal Voltage Regulator, Low Dropout Voltage, 15V, 1A
NTE1960 NTE-NTE1960 Datasheet
27Kb / 3P
Integrated Circuit Positive, 3-Terminal Voltage Regulator
NTE950 NTE-NTE950 Datasheet
27Kb / 3P
Integrated Circuit Positive 3 Terminal Voltage Regulator, 100mA
NTE956 NTE-NTE956 Datasheet
22Kb / 2P
Integrated Circuit 3-Terminal Adjustable Positive Voltage Regulator
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com