Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2701338 Datasheet (PDF) - PHOENIX CONTACT

Part # 2701338
Description  IP65 degree of protection (front) IP20 degree of protection (back)
File Size   79.56 Kbytes
Html View  1   2   3   4   5   6   7   8 
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2701338 Datasheet (PDF) - PHOENIX CONTACT



Similar Part No. - 2701338

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2701314 PHOENIX-2701314 Datasheet
56Kb / 2P
Access protection with user management
2701328 PHOENIX-2701328 Datasheet
79Kb / 4P
Automatically recognized by the firmware
2701344 PHOENIX-2701344 Datasheet
73Kb / 4P
GSM communication module. Allows SMS messaging to and from the Nanoline controller when connected to the GSM network.
2701347 PHOENIX-2701347 Datasheet
69Kb / 3P
Antenna - ANT-OMNI-5900-01
2701348 PHOENIX-2701348 Datasheet
45Kb / 2P
Antenna - ANT-DIR-5900-01
More results


Similar Description - 2701338

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IPPC-H07 ETC2-IPPC-H07 Datasheet
269Kb / 1P
IP65 front panel protection
logo
Copal Electronics
PA-840 COPAL-PA-840 Datasheet
373Kb / 4P
Strong structure with IP67 degree of protection
logo
OSRAM GmbH
LEDINSPECTFLASHLIGHT15 OSRAM-LEDINSPECTFLASHLIGHT15 Datasheet
91Kb / 3P
Type of protection: IP20
logo
PHOENIX CONTACT
FL-SWITCH-7008-EIP PHOENIX-FL-SWITCH-7008-EIP Datasheet
197Kb / 5P
Managed Switch 7000, 8 RJ45 ports 10/100 Mbps, degree of protection: IP20, EtherNet/IP?
TP-5120S PHOENIX-TP-5120S Datasheet
58Kb / 3P
IP65 degree of protection (front) IP20 degree of protection (back)
TP-5150S PHOENIX-TP-5150S Datasheet
57Kb / 3P
IP65 degree of protection (front) IP20 degree of protection (back)
1413990 PHOENIX-1413990 Datasheet
48Kb / 1P
Strain relief, contact inserts: x , degree of protection: IP65/67, material: Stainless steel
2741671 PHOENIX-2741671 Datasheet
107Kb / 3P
Digital input/output module, degree of protection IP20, 4 digital inputs, 24 V DC, COMBICON plugs included
logo
Weidmuller
2488600000 WEIDMULLER-2488600000 Datasheet
363Kb / 8P
HDC enclosures, Size: 8, Protection degree: IP65
November 9, 2021
logo
Siemens Semiconductor G...
6ES7145-5ND00-0BA0 SIEMENS-6ES7145-5ND00-0BA0 Datasheet
154Kb / 3P
SIMATIC ET 200AL, AQ 4xU/I, 4xM12, Degree of protection IP67
7/9/2022
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com