Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2742094 Datasheet (PDF) - PHOENIX CONTACT

Part # 2742094
Description  INTERBUS bus coupler, copper connection, 24 V DC, without accessories
File Size   200.8 Kbytes
Html View  1   2   3   4   5   6 
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2742094 Datasheet (PDF) - PHOENIX CONTACT



Similar Part No. - 2742094

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
27420 WINCHESTER-27420 Datasheet
89Kb / 1P
RECEPTACLE C TEL SHIELD 085 x 160 GRID
logo
Presto International UK...
27420 PRESTO-27420 Datasheet
3Mb / 24P
ENGINEERS CUTTING TOOLS
logo
PHOENIX CONTACT
2742036 PHOENIX-2742036 Datasheet
56Kb / 4P
The brake module is a passive, electronic brake control switch which can be snapped on the power-level terminal block using a 3-pos. inverted COMBICON plug.
More results


Similar Description - 2742094

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2718688 PHOENIX-2718688 Datasheet
151Kb / 5P
PROFIBUS bus coupler, Standard-PROFIBUS-DP and its extension, DP/V1, 24 V DC, without accessories
2718785 PHOENIX-2718785 Datasheet
164Kb / 5P
DeviceNet??bus coupler, 24 V DC, without accessories
2726201 PHOENIX-2726201 Datasheet
204Kb / 6P
Inline digital input terminal block, without accessories, 2 inputs, 24 V DC, 4-wire connection method
2726311 PHOENIX-2726311 Datasheet
161Kb / 5P
Inline power terminal block, without accessories, 24 V DC
2726324 PHOENIX-2726324 Datasheet
149Kb / 5P
Inline segment terminal, without accessories, 24 V DC, without fuse
2742586 PHOENIX-2742586 Datasheet
116Kb / 7P
INTERBUS bus coupler, 16 inputs, 24 V DC, 16 outputs, 24 V DC, 500 mA, with connecting plugs
2855240 PHOENIX-2855240 Datasheet
149Kb / 5P
INTERBUS bus coupler, copper connection, transmission speed 2 MBaud, 24 V DC, without accessories
2855745 PHOENIX-2855745 Datasheet
138Kb / 4P
INTERBUS bus coupler, with fiber optic connection, 24 V DC, transmission speed 2 MBaud, without accessories
2855949 PHOENIX-2855949 Datasheet
87Kb / 4P
INTERBUS bus coupler, subminiature connection, transmission speed 2 Mbaud, 24 V DC, without accessories
2863070 PHOENIX-2863070 Datasheet
190Kb / 6P
INTERBUS bus coupler, copper connection, 24 V DC, complete with accessories (connector and labeling field)
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com