Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2813486 Datasheet (PDF) - PHOENIX CONTACT

Part # 2813486
Description  Can be retrofitted with open-up Rogowski coil
File Size   84.61 Kbytes
Html View  1   2   3   4 
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2813486 Datasheet (PDF) - PHOENIX CONTACT



Similar Part No. - 2813486

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
28134 ETC2-28134 Datasheet
122Kb / 1P
Wiha Quality Tools Toll Free: (800) 494-6104
logo
PHOENIX CONTACT
2813460 PHOENIX-2813460 Datasheet
86Kb / 4P
Can be retrofitted with open-up Rogowski coil
2813473 PHOENIX-2813473 Datasheet
99Kb / 6P
Current transducers - MCR-SL-S-400-U
09/12/2020
2813499 PHOENIX-2813499 Datasheet
167Kb / 3P
Current Measuring Transducer for Sinusoidal and Non-Sinusoidal Alternating Currents
More results


Similar Description - 2813486

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
XSFBB983W SUNLED-XSFBB983W Datasheet
227Kb / 3P
Can be used with automatic insertion equipment
XSM2CYK983W SUNLED-XSM2CYK983W Datasheet
230Kb / 3P
Can be used with automatic insertion equipment
logo
PHOENIX CONTACT
2867953 PHOENIX-2867953 Datasheet
101Kb / 4P
Up to 254 slaves can be connected to one master
2891013 PHOENIX-2891013 Datasheet
68Kb / 4P
Can be combined with Fast Ethernet switch
2813460 PHOENIX-2813460 Datasheet
86Kb / 4P
Can be retrofitted with open-up Rogowski coil
logo
Schneider Electric
A9MEM3555 SCHNEIDER-A9MEM3555 Datasheet
129Kb / 3P
iEM3555 energy meter - Modbus - 1 DI - 1 DO - multi-tariff - Rogowski coil
logo
Carlo Gavazzi Holding A...
ROG4X CARLOGAVAZZI-ROG4X Datasheet
751Kb / 5P
Rogowski coil for EM50 and EM210
logo
Weidmuller
2593400000 WEIDMULLER-2593400000 Datasheet
528Kb / 4P
Measuring transducer, every Rogowski coil, 100??000 A
2593410000 WEIDMULLER-2593410000 Datasheet
343Kb / 4P
Measuring transducer, every Rogowski coil, 100??000 A
logo
WAGO Kontakttechnik Gmb...
855-9450-2000-1251 WAGO-855-9450-2000-1251 Datasheet
312Kb / 5P
Rogowski coil; Primary rated current 4000 A; Output signal 22.5 mV per kA
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com