Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2863928 Datasheet (PDF) - PHOENIX CONTACT

Part # 2863928
Description  Terminal de entrada digital Inline, variantes ME Inline (edi챌찾o para m찼quina), 4 entradas, 24 V DC
File Size   168.36 Kbytes
Html View  1   2   3   4   5   6   7   8 
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2863928 Datasheet (PDF) - PHOENIX CONTACT



Similar Part No. - 2863928

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2863915 PHOENIX-2863915 Datasheet
165Kb / 5P
IB IL TEMP 4/8 RTD-PAC
2863931 PHOENIX-2863931 Datasheet
143Kb / 5P
IB IL 24 DO 4-ME
2863944 PHOENIX-2863944 Datasheet
134Kb / 5P
IB IL AI 2/SF-ME
2863957 PHOENIX-2863957 Datasheet
133Kb / 5P
IB IL AO 2/U/BP-ME
2863986 PHOENIX-2863986 Datasheet
148Kb / 5P
FL IL 24 BK ETH/IP-PAC
More results


Similar Description - 2863928

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2700173 PHOENIX-2700173 Datasheet
174Kb / 10P
Inline, digital input terminal, digital inputs: 8, 24 V DC
2726201 PHOENIX-2726201 Datasheet
204Kb / 6P
Inline digital input terminal block, without accessories, 2 inputs, 24 V DC, 4-wire connection method
2726214 PHOENIX-2726214 Datasheet
189Kb / 6P
Inline digital input terminal block, without accessories, 4 inputs, 24 V DC, 3-wire connection method
2726227 PHOENIX-2726227 Datasheet
201Kb / 6P
Inline digital input terminal block, without accessories, 8 inputs, 24 V DC, 4-wire connection method
2726243 PHOENIX-2726243 Datasheet
187Kb / 6P
Inline digital output terminal block, without accessories, 2 outputs, 24 V DC, 2A, 4-wire connection method
2726311 PHOENIX-2726311 Datasheet
161Kb / 5P
Inline power terminal block, without accessories, 24 V DC
2726324 PHOENIX-2726324 Datasheet
149Kb / 5P
Inline segment terminal, without accessories, 24 V DC, without fuse
2861292 PHOENIX-2861292 Datasheet
349Kb / 11P
Inline Terminal With 16 Digital Outputs
5558 PHOENIX-5558 Datasheet
320Kb / 9P
Inline terminal with eight digital outputs
6843 PHOENIX-6843 Datasheet
224Kb / 14P
Inline, digital output terminal, digital outputs: 32, 24 V DC, 500 mA connection technology: 1-conductor
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com