Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP02147 Datasheet (PDF) - Golledge Electronics Ltd

Part # MP02147
Description  SAW Filter: 70MHz (BW = 0.8MHz) (SMD 13.3 횞 6.5mm)
File Size   73.36 Kbytes
Html View  1   2   3   4   5   6 
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MP02147 Datasheet (PDF) - Golledge Electronics Ltd



Similar Part No. - MP02147

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MP02149 GOLLEDGE-MP02149 Datasheet
129Kb / 6P
SAW Filter 1855.0MHz
More results


Similar Description - MP02147

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TB0850A TAI-SAW-TB0850A Datasheet
400Kb / 7P
SAQ Filter 153.6MHz SMD 13.3 x 6.5mm
TB0691A TAI-SAW-TB0691A Datasheet
269Kb / 7P
SAW Filter 70MHz 1.3MHz BW (SMD 13.3횞6.5 mm)
TB0693A TAI-SAW-TB0693A Datasheet
270Kb / 7P
SAW Filter 70MHz 0.8MHz BW (SMD 13.3횞6.5 mm)
TB0740A TAI-SAW-TB0740A Datasheet
370Kb / 7P
IF SAW Filter 70MHz(BW=9MHz) SMD 13.3X6.5mm
TB1001A TAI-SAW-TB1001A Datasheet
299Kb / 6P
SAW Filter 70MHz 1.4MHz BW (SMD 19.0횞6.5 mm)
TB1103A TAI-SAW-TB1103A Datasheet
101Kb / 7P
SAW Filter 137.5MHz 0.8MHz BW (SMD 7횞5 mm)
logo
Golledge Electronics Lt...
MP01787 GOLLEDGE-MP01787 Datasheet
102Kb / 7P
IF SAW Filter: 70MHz (BW = 9MHz) SMD 13.3 X 6.5mm
logo
TAI-SAW TECHNOLOGY CO.,...
TB0184B TAI-SAW-TB0184B Datasheet
185Kb / 6P
SAW Filter 70MHz 3.5MHz BW (SMD 13.3횞6.5 mm)
TB0644A TAI-SAW-TB0644A Datasheet
192Kb / 7P
SAW Filter 70MHz 0.1MHz BW (SMD 13.3횞6.5 mm)
TB0856A TAI-SAW-TB0856A Datasheet
310Kb / 7P
SAW Filter 70MHz 24MHz BW (SMD 13.3횞6.5 mm)
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com