Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP01987 Datasheet (PDF) - Golledge Electronics Ltd

Part # MP01987
Description  IF SAW Filter: 109.8MHz (BW=200kHz) (SMD 11.4X5.0mm)
File Size   75.28 Kbytes
Html View  1   2   3   4   5 
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MP01987 Datasheet (PDF) - Golledge Electronics Ltd



Similar Part No. - MP01987

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MP01907 GOLLEDGE-MP01907 Datasheet
125Kb / 7P
SAW Filter 350MHz
MP01916 GOLLEDGE-MP01916 Datasheet
185Kb / 5P
SAW Filter 868.30MHz
MP01928 GOLLEDGE-MP01928 Datasheet
189Kb / 6P
SAW Resonator 446.0MHz
MP01948 GOLLEDGE-MP01948 Datasheet
72Kb / 6P
SAW Filter 71.0MHz
More results


Similar Description - MP01987

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TB0473A TAI-SAW-TB0473A Datasheet
372Kb / 4P
IF SAW Filter 44MHz(BW=5MHz) SMD 13.7X4.8mm
TB0185A TAI-SAW-TB0185A Datasheet
413Kb / 7P
IF SAW Filter 70MHz(BW=7MHz) SMD 13.3X6.5mm
TB0204A TAI-SAW-TB0204A Datasheet
368Kb / 7P
IF SAW Filter 261.12MHz(BW=5MHz) SMD 13.3X6.5mm
TB0416A TAI-SAW-TB0416A Datasheet
626Kb / 6P
IF SAW Filter 193.7MHz(BW=10MHz) SMD 9.1X7.1mm
TB0574A TAI-SAW-TB0574A Datasheet
386Kb / 7P
IF SAW Filter 153.6MHz(BW=20MHz) SMD 5.0X7.0mm
TB0681A TAI-SAW-TB0681A Datasheet
349Kb / 6P
IF SAW Filter 110MHz(BW=200KHz) SMD 9.1X7.1mm
TB0791A TAI-SAW-TB0791A Datasheet
330Kb / 6P
IF SAW Filter 109.8MHz(BW=200KHz) SMD 11.4X5.0mm
TB0781A TAI-SAW-TB0781A Datasheet
398Kb / 7P
IF SAW Filter 153.6MHz(BW=5MHz) SMD 5X7mm
TB1351A TAI-SAW-TB1351A Datasheet
398Kb / 7P
140MHz 9.3MHz BW SMD 13.3x6.5mm SAW IF Filter
TB1358A TAI-SAW-TB1358A Datasheet
432Kb / 7P
56.857MHz 5.62MHz BW SMD 25x9.0mm SAW IF Filter
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com