Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA1981A Datasheet (PDF) - TAI-SAW TECHNOLOGY CO., LTD.

Part # TA1981A
Description  SAW Filter 1950 MHz
File Size   645.18 Kbytes
Html View  1   2   3   4   5   6   7 
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA1981A Datasheet (PDF) - TAI-SAW TECHNOLOGY CO., LTD.



Similar Part No. - TA1981A

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
TA19810AV TRANSKO-TA19810AV Datasheet
631Kb / 4P
198.50 MHz IF SAW Filter / 10.90MHz Bandwidth
Revision 0: 22. Apr. 2011
More results


Similar Description - TA1981A

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
856532 TRIQUINT-856532 Datasheet
417Kb / 5P
1950 MHz SAW Filter
855938 TRIQUINT-855938 Datasheet
488Kb / 5P
1950 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA0235A TAI-SAW-TA0235A Datasheet
702Kb / 6P
SAW Filter 1950 MHz
logo
RF Monolithics, Inc
SF2224E RFM-SF2224E Datasheet
940Kb / 5P
1950 MHz SAW Filter
logo
Murata Manufacturing Co...
SF2224E MURATA-SF2224E Datasheet
627Kb / 5P
1950 MHz SAW Filter
logo
TriQuint Semiconductor
856661 TRIQUINT-856661_15 Datasheet
298Kb / 5P
1950 MHz SAW Filter
856678 TRIQUINT-856678_15 Datasheet
532Kb / 6P
1950 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1397A TAI-SAW-TA1397A Datasheet
248Kb / 8P
SAW Filter 1950 MHz BW60MHz
TA1590A TAI-SAW-TA1590A Datasheet
140Kb / 8P
SAW Filter 1950 MHz
TA1815B TAI-SAW-TA1815B Datasheet
756Kb / 8P
SAW Filter 1950 MHz
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com