Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXOLP Datasheet (PDF) - EUROQUARTZ limited

Part # CXOLP
Description  Low Power/Fast Start-up Miniature Oscillator 1.0MHz ~ 8.5MHz
File Size   101.37 Kbytes
Html View  1 
Manufacturer  EUROQUARTZ [EUROQUARTZ limited]
Direct Link  http://www.euroquartz.co.uk
Logo EUROQUARTZ - EUROQUARTZ limited

CXOLP Datasheet (PDF) - EUROQUARTZ limited



Similar Part No. - CXOLP

ManufacturerPart #DatasheetDescription
logo
IQD Frequency Products ...
CXOLP-1.8V IQD-CXOLP-1.8V Datasheet
216Kb / 3P
Crystal Clock Oscillator Specification
CXOLP-2.5V IQD-CXOLP-2.5V Datasheet
216Kb / 3P
Crystal Clock Oscillator Specification
CXOLP-3.0V IQD-CXOLP-3.0V Datasheet
216Kb / 3P
Crystal Clock Oscillator Specification
CXOLP-3.3V IQD-CXOLP-3.3V Datasheet
216Kb / 3P
Crystal Clock Oscillator Specification
More results


Similar Description - CXOLP

ManufacturerPart #DatasheetDescription
logo
STATEK CORPORATION
CXO3M STATEK-CXO3M_09 Datasheet
223Kb / 2P
High Stability/Fast Start-up Crystal Oscillator
CXOLAT STATEK-CXOLAT Datasheet
181Kb / 2P
Ultra-Low Power/Fast Start-Up/Ultra-Miniature
CXOXULP STATEK-CXOXULP Datasheet
127Kb / 2P
Ultra-Low Power/Fast Start-Up/High Shock
logo
EUROQUARTZ limited
CXOX EUROQUARTZ-CXOX Datasheet
103Kb / 1P
Fast Start-up/Tight Tolerance/High Shock
CXOXULP EUROQUARTZ-CXOXULP Datasheet
130Kb / 1P
Ultra-Low Power/Fast Start-Up/High Shock
logo
Lowpower Semiconductor ...
LP6201 POWER-LP6201 Datasheet
520Kb / 9P
Low voltage start-up:0.9V
logo
List of Unclassifed Man...
SHT3X-DIS ETC2-SHT3X-DIS Datasheet
1Mb / 18P
Very fast start-up and measurement time
logo
EUROQUARTZ limited
CXOLHG EUROQUARTZ-CXOLHG Datasheet
128Kb / 1P
Ultra-Low Power/Fast Start-Up/High Shock 32.768kHz
logo
Micrel Semiconductor
DSC3001 MICREL-DSC3001 Datasheet
477Kb / 5P
Low-Power Ultra-Miniature Oscillator
logo
Guangdong Youtai Semico...
UC2842 UMW-UC2842 Datasheet
832Kb / 9P
Low Start-Up and Operating Current
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com