Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF7821GPBF Datasheet (PDF) - International Rectifier

Part # IRF7821GPBF
Description  Very Low RDS(on) at 4.5V VGS
File Size   293.64 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7821GPBF Datasheet (PDF) - International Rectifier



Similar Part No. - IRF7821GPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7821 IRF-IRF7821 Datasheet
210Kb / 10P
Power MOSFET
IRF7821 IRF-IRF7821 Datasheet
1Mb / 15P
IRU3146 EVALUATION BOARD USER GUIDE
logo
Texas Instruments
IRF7821 TI-IRF7821 Datasheet
909Kb / 33P
Dual-Synchronous, Step-Down Controller with Out-of-Audio??Operation and 100-mA LDOs for Notebook System Power
logo
Richtek Technology Corp...
IRF7821 RICHTEK-IRF7821 Datasheet
330Kb / 18P
6A, 24V, 600kHz Step-Down Converter with Synchronous Gate Driver
logo
International Rectifier
IRF7821 IRF-IRF7821 Datasheet
290Kb / 10P
High Frequency Point-of-Load Synchronous Buck Converter for Applications in Networking & Computing Systems.
More results


Similar Description - IRF7821GPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7476PBF IRF-IRF7476PBF Datasheet
162Kb / 8P
HEXFET Power MOSFET ( VDSS = 12V , RDS(on) max = 8.0m廓@VGS = 4.5V , ID = 15A )
logo
Fairchild Semiconductor
BSS84-NL FAIRCHILD-BSS84-NL Datasheet
144Kb / 5P
??.13A, ??0V. RDS(ON) = 10廓 @ VGS = ?? V
FDMA1430JP FAIRCHILD-FDMA1430JP Datasheet
222Kb / 8P
Max rDS(on) = 90 m廓 at VGS = -4.5 V, ID = -2.9 A
FDMS86252 FAIRCHILD-FDMS86252 Datasheet
268Kb / 7P
Max rDS(on) = 51 m廓 at VGS = 10 V, ID = 4.6 A
FDS89161LZ FAIRCHILD-FDS89161LZ Datasheet
251Kb / 7P
Max rDS(on) = 105 m廓 at VGS = 10 V, ID = 2.7 A
FQB34P10TM-F085 FAIRCHILD-FQB34P10TM-F085 Datasheet
1Mb / 8P
-33.5A, -100V, RDS(on) = 0.06廓 @VGS = -10 V
logo
Inchange Semiconductor ...
2N6769 ISC-2N6769 Datasheet
47Kb / 2P
VGS Rated at 짹20V
2N6756 ISC-2N6756 Datasheet
47Kb / 2P
VGS Rated at 짹20V
2N6758 ISC-2N6758 Datasheet
47Kb / 2P
VGS Rated at 짹20V
logo
IXYS Corporation
IXUN280N10 IXYS-IXUN280N10 Datasheet
117Kb / 2P
Trench Power MOSFET Very low RDS(on)
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com