Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OV2740 Datasheet (PDF) - OmniVision Technologies, Inc.

Part # OV2740
Description  1.4 關m x 1.4 關m pixel
File Size   4106.07 Kbytes
Html View  1   2 
Manufacturer  OMNIVISION [OmniVision Technologies, Inc.]
Direct Link  http://www.ovt.com
Logo OMNIVISION - OmniVision Technologies, Inc.

OV2740 Datasheet (PDF) - OmniVision Technologies, Inc.



Similar Part No. - OV2740

ManufacturerPart #DatasheetDescription
logo
OmniVision Technologies...
OV2744 OMNIVISION-OV2744 Datasheet
631Kb / 2P
1.4 關m x 1.4 關m pixel
More results


Similar Description - OV2740

ManufacturerPart #DatasheetDescription
logo
ADL Embedded Solutions
MSM855 ADL-MSM855 Datasheet
243Kb / 2P
Intel짰 Pentium짰 M CPU 0.6 / 1.0 / 1.4 / 1.8GHz
logo
OptoSupply Internationa...
OSXX3014C1A OPTOSUPPLY-OSXX3014C1A Datasheet
504Kb / 9P
3.0 x 1.4 x 0.8mm SMD
logo
BeRex Corporation
BCP020T-70 BEREX-BCP020T-70 Datasheet
805Kb / 6P
HIGH EFFICIENCY HETEROJUNCTION POWER FET (0.25關m x 200關m gate)
BCP030T-70 BEREX-BCP030T-70 Datasheet
803Kb / 6P
HIGH EFFICIENCY HETEROJUNCTION POWER FET (0.25關m x 300關m gate)
BCP030C-70 BEREX-BCP030C-70 Datasheet
633Kb / 7P
HIGH EFFICIENCY HETEROJUNCTION POWER FET (0.25關m x 300關m gate)
logo
OmniVision Technologies...
OV2744 OMNIVISION-OV2744 Datasheet
631Kb / 2P
1.4 關m x 1.4 關m pixel
logo
ON Semiconductor
NVCR4LS1D4N10MCA ONSEMI-NVCR4LS1D4N10MCA Datasheet
166Kb / 6P
MOSFET – Power, N-Channel 100 V, 1.4 m
August, 2022 - Rev. 0
logo
Tripp Lite. All Rights ...
P580-001-V4 TRIPPLITE-P580-001-V4 Datasheet
69Kb / 4P
DisplayPort 1.4 Cable with Latching Connectors, 8K (M/M), Black, 1 ft. (0.31 m)
P580-003-V4 TRIPPLITE-P580-003-V4 Datasheet
69Kb / 4P
DisplayPort 1.4 Cable with Latching Connectors, 8K (M/M), Black, 3 ft. (0.9m)
P580-015-V4 TRIPPLITE-P580-015-V4 Datasheet
70Kb / 4P
DisplayPort 1.4 Cable with Latching Connectors, 8K (M/M), Black, 15 ft. (4.57m)
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com