| Manufacturer | Part # | Datasheet | Description |
 Samsung semiconductor |
K7N803645M
|
402Kb / 18P |
256K X 36 & 512K X 18 PIPELINED N-T RAM - TM
|
 Analog Devices |
ADA4627-1
|
626Kb / 16P |
36 V, 19 MHz, Low Noise, Low Bias Current, JFET Operational Amplifier
REV. A |
 Ferroxcube Internationa... |
SPR-P30
|
29Kb / 1P |
SPR-P30/19
|
 Molex Electronics Ltd. |
0082285719
|
304Kb / 4P |
1.27mm (.050") Pitch Round Conductor Flat Cable - 28 AWG (7 x 36) Stranded Tinned, 19 Circuits
|
|
0082285819
|
222Kb / 4P |
2.54mm (.100") Pitch Round Conductor Flat Cable - 28 AWG (7 x 36) Stranded, Tinned, 19 Circuits
|
|
0082285519
|
313Kb / 4P |
1.27mm (.050") Pitch Round Conductor Flat Cable - 28 AWG (7 x 36) Stranded Topcoat, 19 Circuits
|
 KR Electronics, Inc. |
3196-19-SMA
|
100Kb / 3P |
19 MHz Bandpass
|
 Molex Electronics Ltd. |
0082285819
|
35Kb / 1P |
2.54mm Pitch Round Conductor Flat Cable - 28 AWG (7 x 36) Stranded, Tinned, 19 circuits
|
|
0082286191
|
35Kb / 1P |
2.54mm Pitch Round Conductor Flat Cable - 28 AWG (7 x 36) Stranded, Topcoat, 19 circuits
|
 PHOENIX CONTACT |
1409140
|
43Kb / 2P |
19" mounting frame - CUC-PP-FRAME-19 BK
|