Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P944-06I Datasheet (PDF) - Tripp Lite. All Rights Reserved

Part # P944-06I
Description  15-Pin SATA (Male) to 4-Pin (Female) Power Cable - 26 AWG, 6 in.
File Size   152.85 Kbytes
Html View  1   2 
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

P944-06I Datasheet (PDF) - Tripp Lite. All Rights Reserved



Similar Part No. - P944-06I

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P94406I TRIPPLITE-P94406I Datasheet
465Kb / 2P
Serial ATA (SATA) Power Cable (4Pin Molex to 15pin), 6-in
More results


Similar Description - P944-06I

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
AC0241020 OPTOSUPPLY-AC0241020 Datasheet
576Kb / 1P
AWG#26 4-wire(Black.Green.Red.Blue) cable(white)with 4-pin socket
logo
Assmann Electronics Inc...
AK323G-2-R ASSMANN-AK323G-2-R Datasheet
45Kb / 1P
Mini DIN 6-Pin Male <=> Mini DIN 6-Pin Female
AK323G-5-R ASSMANN-AK323G-5-R Datasheet
45Kb / 1P
Mini DIN 6-Pin Male <=> Mini DIN 6-Pin Female
AB440-R ASSMANN-AB440-R Datasheet
122Kb / 1P
DIN 5 Pin Female - MINI Din 6 Pin Male
AB961 ASSMANN-AB961 Datasheet
122Kb / 1P
DIN 5 Pin Male - MINI Din 6 Pin Female
logo
Tripp Lite. All Rights ...
P945-06I TRIPPLITE-P945-06I Datasheet
155Kb / 2P
15-Pin SATA (Male) to 4-Pin (Female) / 4-Pin (Male) Power Cable - 6 in.
P946-12N-2P15 TRIPPLITE-P946-12N-2P15 Datasheet
168Kb / 2P
Molex 4-Pin to 2x 15-Pin SATA Power Cable - M/2xF, 26 AWG, 1 ft.
P947-06N-2P15 TRIPPLITE-P947-06N-2P15 Datasheet
163Kb / 2P
15-Pin SATA Power Y Cable - M/2xF, 18 AWG, 6 in.
P948-12I TRIPPLITE-P948-12I Datasheet
164Kb / 2P
SATA to LP4 Power Cable Adapter - 7-Pin (Male) to LP4 (Female), 1 ft.
P948-20I TRIPPLITE-P948-20I Datasheet
163Kb / 2P
SATA to LP4 Power Cable Adapter - 7-Pin (Male) to LP4 (Female), 20 in.
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com