Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QPB1005 Datasheet (PDF) - Qorvo, Inc

Part # QPB1005
Description  2 ??6 GHz 400 W Amplifier
File Size   2352.75 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QPB1005 Datasheet (PDF) - Qorvo, Inc



Similar Part No. - QPB1005

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPB1000 QORVO-QPB1000 Datasheet
2Mb / 12P
2.0 ??18.0 GHz 75 Watt Amplifier
logo
TriQuint Semiconductor
QPB1006 TRIQUINT-QPB1006 Datasheet
1Mb / 11P
2.0 ??7.5 GHz 150 Watt Amplifier
More results


Similar Description - QPB1005

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
CMA-6-2002 TELEDYNE-CMA-6-2002 Datasheet
892Kb / 2P
Amplifier 2 GHz - 6 GHz
CMA-6-2003 TELEDYNE-CMA-6-2003 Datasheet
892Kb / 2P
Amplifier 2 GHz - 6 GHz
CMA-6-2004 TELEDYNE-CMA-6-2004 Datasheet
891Kb / 2P
Amplifier 2 GHz - 6 GHz
CPA-6-2002 TELEDYNE-CPA-6-2002 Datasheet
894Kb / 2P
Amplifier 2 GHz - 6 GHz
CPA-6-2003 TELEDYNE-CPA-6-2003 Datasheet
892Kb / 2P
Amplifier 2 GHz - 6 GHz
CPA-6-2004 TELEDYNE-CPA-6-2004 Datasheet
892Kb / 2P
Amplifier 2 GHz - 6 GHz
CGM-06-2002 TELEDYNE-CGM-06-2002 Datasheet
914Kb / 2P
Module Amplifier 2 GHz - 6 GHz
CGM-06-2003 TELEDYNE-CGM-06-2003 Datasheet
914Kb / 2P
Module Amplifier 2 GHz - 6 GHz
logo
Qorvo, Inc
TGA2578-CP QORVO-TGA2578-CP Datasheet
519Kb / 13P
2 ??6 GHz 30 W GaN Power Amplifier
TGA2578 QORVO-TGA2578 Datasheet
566Kb / 12P
2-6 GHz 30 W GaN Power Amplifier
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com