Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFL960 Datasheet (PDF) - SIFIRST TECHNOLOGIES NANHAI LIMITED

Part # SFL960
Description  600 MA peak drive capability, maximum power up to 100 W
File Size   121.82 Kbytes
Html View  1   2 
Manufacturer  SIFIRST [SIFIRST TECHNOLOGIES NANHAI LIMITED]
Direct Link  http://www.sifirsttech.com/en/
Logo SIFIRST - SIFIRST TECHNOLOGIES NANHAI LIMITED

SFL960 Datasheet (PDF) - SIFIRST TECHNOLOGIES NANHAI LIMITED



Similar Part No. - SFL960

ManufacturerPart #DatasheetDescription
logo
SIFIRST TECHNOLOGIES NA...
SFL900B SIFIRST-SFL900B Datasheet
160Kb / 2P
super-PFC/PSRTM Controller for LED Lighting
SFL900BDP SIFIRST-SFL900BDP Datasheet
160Kb / 2P
super-PFC/PSRTM Controller for LED Lighting
SFL900BSG SIFIRST-SFL900BSG Datasheet
160Kb / 2P
super-PFC/PSRTM Controller for LED Lighting
SFL900BSGT SIFIRST-SFL900BSGT Datasheet
160Kb / 2P
super-PFC/PSRTM Controller for LED Lighting
SFL900C SIFIRST-SFL900C Datasheet
158Kb / 2P
super-PFC/PSRTM Controller for LED Lighting
More results


Similar Description - SFL960

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BZW06-10BRL STMICROELECTRONICS-BZW06-10BRL Datasheet
176Kb / 6P
PEAK PULSE POWER 600 W (10/1000ms)
Feb-2003
BZW06-31RL STMICROELECTRONICS-BZW06-31RL Datasheet
176Kb / 6P
PEAK PULSE POWER 600 W (10/1000ms)
Feb-2003
logo
XP Power Limited
SDF XPPOWER-SDF Datasheet
548Kb / 4P
Up to 600 W Peak Power
FCM XPPOWER-FCM Datasheet
220Kb / 2P
400 W Continuous, 600 W Peak
logo
TE Connectivity Ltd
250 TEC-250 Datasheet
299Kb / 3P
High peak current carrying capability up to 6000A
logo
Analog Devices
ADUM4136 AD-ADUM4136 Datasheet
849Kb / 17P
4 A peak drive output capability
Rev. 0
logo
Allegro MicroSystems
APS13568 ALLEGRO-APS13568 Datasheet
556Kb / 22P
Linear LED drive up to 150 mA
logo
E-CMOS Corporation
P6KE E-CMOS-P6KE Datasheet
358Kb / 5P
Breakdown Voltage: 6.8 to 600 V Peak Pulse Power: 600 W
SMBJ E-CMOS-SMBJ Datasheet
969Kb / 5P
Working Voltage: 5.0 to 440 V Peak Pulse Power: 600 W
logo
Bel Fuse Inc.
MBS400 BEL-MBS400 Datasheet
851Kb / 9P
400 W rated power (440 W peak up to 10 s)
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com