Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KRP-C Datasheet (PDF) - Eaton All Rights Reserved.

Part # KRP-C
Description  Low-Peak??KRP-C Class L 600Vac/300Vdc, 601-2000A, time-delay fuses
File Size   715.34 Kbytes
Html View  1   2   3   4 
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

KRP-C Datasheet (PDF) - Eaton All Rights Reserved.



Similar Part No. - KRP-C

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
KRP-C-1000SP COOPER-KRP-C-1000SP Datasheet
715Kb / 4P
Low-Peak??KRP-C Class L 600Vac/300Vdc, 601-2000A, time-delay fuses
KRP-C-1100SP COOPER-KRP-C-1100SP Datasheet
715Kb / 4P
Low-Peak??KRP-C Class L 600Vac/300Vdc, 601-2000A, time-delay fuses
KRP-C-1200SP COOPER-KRP-C-1200SP Datasheet
715Kb / 4P
Low-Peak??KRP-C Class L 600Vac/300Vdc, 601-2000A, time-delay fuses
KRP-C-1350SP COOPER-KRP-C-1350SP Datasheet
715Kb / 4P
Low-Peak??KRP-C Class L 600Vac/300Vdc, 601-2000A, time-delay fuses
KRP-C-1400SP COOPER-KRP-C-1400SP Datasheet
715Kb / 4P
Low-Peak??KRP-C Class L 600Vac/300Vdc, 601-2000A, time-delay fuses
More results


Similar Description - KRP-C

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
LP-CC-1 COOPER-LP-CC-1_16 Datasheet
639Kb / 4P
Low-Peak??LP-CC Class CC 600Vac/300Vdc, 1??-30A time-delay fuses
KRP-CL-225 COOPER-KRP-CL-225 Datasheet
500Kb / 2P
KRP-CL 600Vac, 225-600A, time-delay fuses
KRP-C-2001SP COOPER-KRP-C-2001SP Datasheet
741Kb / 4P
Low-Peak??KRP-C Class L 600Vac, 2001-6000A, 300Vdc 3000A time-delay fuses
KRP-C-601SP COOPER-KRP-C-601SP Datasheet
715Kb / 4P
Low-Peak??KRP-C Class L 600Vac/300Vdc, 601-2000A, time-delay fuses
KLU-601 COOPER-KLU-601 Datasheet
643Kb / 4P
Limitron??KLU Class L 600Vac, 601-4000A, time-delay fuses
logo
List of Unclassifed Man...
KRP-CL-225 ETC1-KRP-CL-225 Datasheet
500Kb / 2P
KRP-CL 600Vac, 225-600A, time-delay fuses
logo
Eaton All Rights Reserv...
KLU EATON-KLU Datasheet
643Kb / 4P
Limitron??KLU Class L 600Vac, 601-4000A, time-delay fuses
KRP-C-2001SP EATON-KRP-C-2001SP Datasheet
741Kb / 4P
Low-Peak??KRP-C Class L 600Vac, 2001-6000A, 300Vdc 3000A time-delay fuses
LPJ-1SP EATON-LPJ-1SP Datasheet
841Kb / 4P
Low-Peak??LPJ Class J 600Vac/300Vdc, 1-60A, dual element, time-delay fuses
LPJ-70SP EATON-LPJ-70SP Datasheet
820Kb / 4P
Low-Peak??LPJ Class J 600Vac/300Vdc, 70-600A, dual element, time-delay fuses
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com