Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PHM8001 Datasheet (PDF) - Nihon Inter Electronics Corporation

Part # PHM8001
Description  MOSFET MODULE Single 900A/150A
File Size   130.36 Kbytes
Html View  1   2   3   4 
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

PHM8001 Datasheet (PDF) - Nihon Inter Electronics Corporation



Similar Part No. - PHM8001

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PHM8001 NIEC-PHM8001 Datasheet
119Kb / 5P
800A 150V
PHM8001 NIEC-PHM8001_1 Datasheet
119Kb / 5P
800A 150V
More results


Similar Description - PHM8001

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PCH1508 NIEC-PCH1508 Datasheet
256Kb / 5P
THYRISTOR MODULE 150A/800V
logo
DACO SEMICONDUCTOR CO.,...
DAGNH1501200 DACO-DAGNH1501200 Datasheet
440Kb / 3P
IGBT Module 150A
logo
MacMic
MMF150S060DA MACMIC-MMF150S060DA Datasheet
457Kb / 3P
600V 150A FRED Module
MMF150S060DK MACMIC-MMF150S060DK Datasheet
390Kb / 3P
600V 150A FRED Module
MMF150S120DA MACMIC-MMF150S120DA Datasheet
439Kb / 3P
1200V 150A FRED Module
MMG150B065PD6EN MACMIC-MMG150B065PD6EN Datasheet
284Kb / 5P
650V 150A IGBT Module
MMG150D120UA6TN MACMIC-MMG150D120UA6TN Datasheet
518Kb / 5P
1200V 150A IGBT Module
MMG150D170B6EN MACMIC-MMG150D170B6EN Datasheet
307Kb / 5P
1700V 150A IGBT Module
MMG150S060B6EN MACMIC-MMG150S060B6EN Datasheet
401Kb / 5P
600V 150A IGBT Module
MMG150D170B MACMIC-MMG150D170B Datasheet
1Mb / 3P
1700V 150A IGBT Module
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com