Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC-352 Datasheet (PDF) - FOTEK CONTROLS CO., LTD.

Part # SC-352
Description  DIN 72X72 MULTI-FUNCTION COUNTER
File Size   2604.88 Kbytes
Html View  1   2   3   4 
Manufacturer  FOTEK [FOTEK CONTROLS CO., LTD.]
Direct Link  http://www.fotek.com.tw/index4.asp
Logo FOTEK - FOTEK CONTROLS CO., LTD.

SC-352 Datasheet (PDF) - FOTEK CONTROLS CO., LTD.



Similar Part No. - SC-352

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
SC-35 COOPER-SC-35 Datasheet
401Kb / 3P
SC Class G, 600Vac/480Vac, 1??-60A
logo
Eaton All Rights Reserv...
SC-35 EATON-SC-35 Datasheet
401Kb / 3P
SC Class G, 600Vac/480Vac, 1??-60A size-rejecting fuses
logo
Kemet Corporation
SC-35-D010JH KEMET-SC-35-D010JH Datasheet
80Kb / 1P
KEMET, SC-D-J/JH, AC Line Filters, Common Mode, 10 uH
SC-35-SD040J KEMET-SC-35-SD040J Datasheet
171Kb / 1P
KEMET, SC Three Phase, AC Line Filters, Common Mode, 40 uH
logo
SL Power Electronics
SC-350 SLPOWER-SC-350 Datasheet
89Kb / 2P
Output voltages from 3.3 V to 48 V
More results


Similar Description - SC-352

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICM7226A INTERSIL-ICM7226A Datasheet
173Kb / 19P
8-Digit, Multi-Function, Frequency Counter/Timer
August 1997
ICM7226A INTERSIL-ICM7226A_01 Datasheet
547Kb / 19P
8-Digit, Multi-Function, Frequency Counter/Timer
May 2001
logo
Harris Corporation
ICM7216A HARRIS-ICM7216A Datasheet
191Kb / 17P
8-Digit Multi-Function Frequency Counter/Timer
logo
List of Unclassifed Man...
BL1R ETC2-BL1R Datasheet
611Kb / 3P
Multi-function or mono-function
BM1R ETC2-BM1R Datasheet
772Kb / 4P
Multi-function or mono-function
logo
FOTEK CONTROLS CO., LTD...
HC-4T FOTEK-HC-4T Datasheet
1Mb / 4P
DIN 72X72 Digital Counter
MC-441 FOTEK-MC-441 Datasheet
887Kb / 2P
Multi-function UP/Down counter
SC-26X FOTEK-SC-26X Datasheet
2Mb / 2P
DIN 96x48 MULTI-FUNCTION COUNTER
SC-362M FOTEK-SC-362M Datasheet
1Mb / 2P
DIN 72x72 COUNTER&METER
SM-10 FOTEK-SM-10 Datasheet
2Mb / 4P
DIN 24x48/72x72/96x48 Tachometer & Line speed meter
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com