Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM1484C Datasheet (PDF) - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM1484C
Description  30V, 3.1A Monolithic Step-Down Switching Regulator
File Size   1603.46 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM1484C Datasheet (PDF) - Shenzhen Huazhimei Semiconductor Co., Ltd



Similar Part No. - HM1484C

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM1484D HMSEMI-HM1484D Datasheet
1Mb / 7P
30V 3A 500KHz Synchronous Step-Down Regulator
HM1484E HMSEMI-HM1484E Datasheet
1Mb / 7P
18V 3A 500KHz Synchronous Step-Down Regulator
More results


Similar Description - HM1484C

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1627 LINER-LTC1627 Datasheet
324Kb / 16P
Monolithic Synchronous Step-Down Switching Regulator
logo
National Semiconductor ...
LM2694 NSC-LM2694 Datasheet
760Kb / 19P
30V, 600 mA Step Down Switching Regulator
logo
Linear Technology
LT3506 LINER-LT3506 Datasheet
679Kb / 24P
Dual Monolithic 1.6A Step-Down Switching Regulator
LT1765ES8 LINER-LT1765ES8 Datasheet
216Kb / 20P
Monolithic 3A, 1.25MHz Step-Down Switching Regulator
LT3506 LINER-LT3506_15 Datasheet
221Kb / 24P
Dual Monolithic 1.6A Step-Down Switching Regulator
LT1765 LINER-LT1765_15 Datasheet
216Kb / 20P
Monolithic 3A, 1.25MHz Step-Down Switching Regulator
LT3508 LINER-LT3508_15 Datasheet
320Kb / 26P
Dual Monolithic 1.4A Step-Down Switching Regulator
LTC1627 LINER-LTC1627_15 Datasheet
239Kb / 16P
Monolithic Synchronous Step-Down Switching Regulator
logo
Shenzhen Huazhimei Semi...
HM1482C HMSEMI-HM1482C Datasheet
1Mb / 14P
30V,2.5A Step-Down Switching Regulator
HM1483 HMSEMI-HM1483 Datasheet
1Mb / 14P
30V, 3.1A Monolithic Step-Down Switching Regulator in TSOT23-8
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com