Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM9026A Datasheet (PDF) - Shaanxi Reactor Microelectronics Co., Ltd.

Part # RM9026A
Description  High voltage linear 120/220V 6W full voltage filament lamp solution
File Size   200.41 Kbytes
Html View  1   2 
Manufacturer  REACTOR [Shaanxi Reactor Microelectronics Co., Ltd.]
Direct Link  http://www.reactor-micro.com
Logo REACTOR - Shaanxi  Reactor  Microelectronics  Co., Ltd.

RM9026A Datasheet (PDF) - Shaanxi Reactor Microelectronics Co., Ltd.



Similar Part No. - RM9026A

ManufacturerPart #DatasheetDescription
logo
Shaanxi Reactor Micro...
RM9026A REACTOR-RM9026A Datasheet
214Kb / 2P
High voltage linear 120/220V 10W full voltage bulb lamp solution
RM9026A REACTOR-RM9026A Datasheet
208Kb / 2P
High voltage linear 120/220V 50W full voltage flood light solution
RM9026A_10W REACTOR-RM9026A_10W Datasheet
214Kb / 2P
High voltage linear 120/220V 10W full voltage bulb lamp solution
RM9026A_50W REACTOR-RM9026A_50W Datasheet
208Kb / 2P
High voltage linear 120/220V 50W full voltage flood light solution
More results


Similar Description - RM9026A

ManufacturerPart #DatasheetDescription
logo
Shaanxi Reactor Micro...
RM9003E REACTOR-RM9003E Datasheet
222Kb / 2P
High-voltage linear 220V/15W bulb lamp solution
RM9005C REACTOR-RM9005C Datasheet
235Kb / 2P
High-voltage linear 220V/6W thyristor dimming high PF bulb lamp solution
RM9006A REACTOR-RM9006A Datasheet
221Kb / 2P
High-voltage linear E27/220V/6W dual-segment IC dimming filament lamp solution
RM9026A_10W REACTOR-RM9026A_10W Datasheet
214Kb / 2P
High voltage linear 120/220V 10W full voltage bulb lamp solution
RM9026A_50W REACTOR-RM9026A_50W Datasheet
208Kb / 2P
High voltage linear 120/220V 50W full voltage flood light solution
RM9036B REACTOR-RM9036B Datasheet
232Kb / 2P
High-voltage linear E27/120V/ 6W thyristor dimming filament lamp solution
RM9003S REACTOR-RM9003S_1 Datasheet
164Kb / 2P
High-voltage linear E14/220V/4W/13mA filament lamp solution
RM9003S REACTOR-RM9003S_3 Datasheet
186Kb / 2P
High-voltage linear 220V/5W bulb lamp solution
RM9003T REACTOR-RM9003T_6 Datasheet
168Kb / 2P
High-voltage linear E27/120V/ 6W/50mA filament lamp solution
RM9003T REACTOR-RM9003T_8 Datasheet
169Kb / 2P
High-voltage linear 220V/12W bulb lamp solution
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com