Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2341 Datasheet (PDF) - KIA Semiconductor Technology

Part # 2341
Description  -3.3A竊?20V P-CHANNEL MOSFET
File Size   129.0 Kbytes
Html View  1   2   3   4   5 
Manufacturer  KIA [KIA Semiconductor Technology]
Direct Link  http://en.kiaic.com/
Logo KIA - KIA Semiconductor Technology

2341 Datasheet (PDF) - KIA Semiconductor Technology



Similar Part No. - 2341

ManufacturerPart #DatasheetDescription
logo
RHOPOINT COMPONENTS
2341 RHOPOINT-2341 Datasheet
52Kb / 2P
Microminiature Reed Relays
logo
Adafruit Industries
2341 ADAFRUIT-2341 Datasheet
216Kb / 5P
Adafruit Audio FX Mini Sound Board - WAV/OGG Trigger 16MB Flash
11/12/2015
logo
Keystone Electronics Co...
2341 KEYSTONE-2341 Datasheet
396Kb / 1P
RETAINING SPACERS & HINGED STANDOFFS
31-07 20th
logo
RAF ELECTRONIC HARDWARE
2341-1032-S RAF-2341-1032-S Datasheet
89Kb / 1P
1/2 HEX FEMALE STANDOFFS
2341-2520-S RAF-2341-2520-S Datasheet
88Kb / 1P
1/2 HEX FEMALE STANDOFFS
More results


Similar Description - 2341

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM2313 TSC-TSM2313 Datasheet
360Kb / 6P
20V P-Channel MOSFET
TSM9434 TSC-TSM9434 Datasheet
359Kb / 6P
20V P-Channel MOSFET
TSM2301 TSC-TSM2301_07 Datasheet
346Kb / 6P
20V P-Channel MOSFET
TSM3441 TSC-TSM3441_07 Datasheet
392Kb / 6P
20V P-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO3413 AOSMD-AO3413_10 Datasheet
462Kb / 5P
20V P-Channel MOSFET
AO7417 AOSMD-AO7417_13 Datasheet
1Mb / 4P
20V P-Channel MOSFET
logo
Will Semiconductor Ltd.
WPMD2084 WILLSEMI-WPMD2084 Datasheet
439Kb / 7P
Dual P-Channel, -20V, -3.3A, Power MOSFET
logo
KIA Semiconductor Techn...
2301 KIA-2301 Datasheet
111Kb / 4P
-2.8A竊?20V P-CHANNEL MOSFET
3415 KIA-3415 Datasheet
122Kb / 5P
-4.0A竊?20V P-CHANNEL MOSFET
3423 KIA-3423 Datasheet
126Kb / 6P
-2.0A竊?20V P-CHANNEL MOSFET
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com