Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3407 Datasheet (PDF) - KIA Semiconductor Technology

Part # 3407
Description  -4.1A竊?30V P-CHANNEL MOSFET
File Size   114.66 Kbytes
Html View  1   2   3   4   5 
Manufacturer  KIA [KIA Semiconductor Technology]
Direct Link  http://en.kiaic.com/
Logo KIA - KIA Semiconductor Technology

3407 Datasheet (PDF) - KIA Semiconductor Technology



Similar Part No. - 3407

ManufacturerPart #DatasheetDescription
logo
Heyco.
3407 HEYCO-3407 Datasheet
114Kb / 1P
Heyco® PG and Metric Threaded Plugs
logo
TE Connectivity Ltd
34070 TEC-34070 Datasheet
299Kb / 9P
PLASTI-GRIP* Terminals and Splices
34070 TEC-34070 Datasheet
2Mb / 6P
PLASTI-GRIP Terminals & Splices
08/2013
34070-0 TEC-34070-0 Datasheet
2Mb / 10P
Assorted Kits and Accessories
logo
Tyco Electronics
34071 MACOM-34071 Datasheet
79Kb / 1P
SPLICE, BUTT, PLASTI-GRIP WIRE SIZE 16-14 AWG
More results


Similar Description - 3407

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM3481 TSC-TSM3481 Datasheet
358Kb / 6P
30V P-Channel MOSFET
TSM3401 TSC-TSM3401_07 Datasheet
349Kb / 6P
30V P-Channel MOSFET
logo
SeCoS Halbleitertechnol...
SMG2343 SECOS-SMG2343 Datasheet
1Mb / 4P
-4.1A , -30V , RDS(ON) 45 m P-Channel Enhancement Mode MOSFET
logo
E-CMOS Corporation
EC733339 E-CMOS-EC733339 Datasheet
288Kb / 6P
-30V, -4.1A P-Channel MOSFET
logo
Will Semiconductor Ltd.
WPM3005 WILLSEMI-WPM3005 Datasheet
1Mb / 7P
Single P-Channel, -30V, -4.1A, Power MOSFET
logo
KIA Semiconductor Techn...
2304 KIA-2304 Datasheet
207Kb / 4P
2.5A竊?30V N-CHANNEL MOSFET
2306 KIA-2306 Datasheet
110Kb / 4P
3.5A竊?30V N-CHANNEL MOSFET
3401 KIA-3401 Datasheet
118Kb / 5P
-4.0A竊?30V P-CHANNEL MOSFET
3409 KIA-3409 Datasheet
118Kb / 5P
-2.6A竊?30V P-CHANNEL MOSFET
KPE4703A KIA-KPE4703A Datasheet
180Kb / 5P
-8A竊?30V P-CHANNEL MOSFET
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com