Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U052-06N-WH Datasheet (PDF) - Tripp Lite. All Rights Reserved

Part # U052-06N-WH
Description  Micro USB to USB OTG Host Adapter Cable, 5-Pin USB Micro-B to USB-A (M/F), White, 6 in.
File Size   160.93 Kbytes
Html View  1   2   3 
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

U052-06N-WH Datasheet (PDF) - Tripp Lite. All Rights Reserved



Similar Part No. - U052-06N-WH

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U052-06N-OTG-AM TRIPPLITE-U052-06N-OTG-AM Datasheet
159Kb / 2P
USB 2.0 OTG Cable with 2-in-1 Connector - Combo A Male Micro-B Male to A Female, 6-in.
U052-06N-RA TRIPPLITE-U052-06N-RA Datasheet
170Kb / 3P
Micro USB to USB OTG Host Adapter Cable, Right-Angle 5-Pin USB Micro-B to USB-A (M/F), 6 in.
More results


Similar Description - U052-06N-WH

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
3023007-01M QUALTEK-3023007-01M Datasheet
567Kb / 1P
MICRO USB 3.0 A B/M - MICRO USB 3.0 B/M
3023019-02M QUALTEK-3023019-02M Datasheet
566Kb / 1P
MICRO USB 3.0 A B/M - MICRO USB 3.0 B/M
3023031-03M QUALTEK-3023031-03M Datasheet
566Kb / 1P
MICRO USB 3.0 A B/M - MICRO USB 3.0 B/M
logo
Assmann Electronics Inc...
AK-300116-010-S ASSMANN-AK-300116-010-S Datasheet
117Kb / 1P
USB 3.0 A/M - MICRO USB 3.0 B/M CABLE
logo
Tripp Lite. All Rights ...
U05206N TRIPPLITE-U05206N Datasheet
470Kb / 2P
Micro USB to USB OTG Host Adapter Cable, 5-Pin Micro USB A to USB A M-F, 6-in
U040-06N-MIC-F TRIPPLITE-U040-06N-MIC-F Datasheet
499Kb / 2P
USB 2.0 Hi-Speed Adapter Cable, USB Type-C (USB-C) Male to USB Micro-B Female), 6-in.
logo
Rosenberger Hochfrequen...
L99-M0014-1000-A ROSENBERGER-L99-M0014-1000-A Datasheet
625Kb / 2P
USB 2.0 A MALE TO USB 2.0 MICRO-B ADAPTER
logo
Tripp Lite. All Rights ...
U052-06N TRIPPLITE-U052-06N Datasheet
155Kb / 3P
Micro USB to USB OTG Host Adapter Cable, 5-Pin Micro USB B to USB A M/F, 6-in.
U052-06N-RA TRIPPLITE-U052-06N-RA Datasheet
170Kb / 3P
Micro USB to USB OTG Host Adapter Cable, Right-Angle 5-Pin USB Micro-B to USB-A (M/F), 6 in.
U053-000-OTG TRIPPLITE-U053-000-OTG Datasheet
170Kb / 2P
2-in-1 OTG Adapter, USB 3.0 Micro B Male and USB 2.0 Micro B Male to USB A Female
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com