Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM3131 Datasheet (PDF) - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM3131
Description  Wide input voltage step-down constant voltage constant current DC-DC controller
File Size   476.11 Kbytes
Html View  1   2   3   4   5   6   7   8 
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM3131 Datasheet (PDF) - Shenzhen Huazhimei Semiconductor Co., Ltd



Similar Part No. - HM3131

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM3130 HMSEMI-HM3130 Datasheet
431Kb / 8P
Built-in 100V/5A MOS wide input voltage step-down DC-DC
HM3130B HMSEMI-HM3130B Datasheet
347Kb / 6P
Wide voltage input switch step-down DC-DC
HM3130C HMSEMI-HM3130C Datasheet
930Kb / 7P
support the highest input voltage 55V
HM3132 HMSEMI-HM3132 Datasheet
860Kb / 10P
Chip Data Sheet V1.0
HM3133 HMSEMI-HM3133 Datasheet
570Kb / 8P
Output voltage adjustable from 5V to 30V
More results


Similar Description - HM3131

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1618 LINER-LT1618 Datasheet
202Kb / 12P
Constant-Current/ Constant-Voltage 1.4MHz Step-Up DC/DC Converter
LTC1874 LINER-LTC1874 Datasheet
180Kb / 12P
Dual Constant Frequency Current Mode Step-Down DC/DC Controller
LT1618 LINER-LT1618_1 Datasheet
210Kb / 16P
Constant-Current/Constant-Voltage 1.4MHz Step-Up DC/DC Converter
LT3741 LINER-LT3741 Datasheet
326Kb / 24P
High Power, Constant Current, Constant Voltage, Step-Down Controller
LT1618EDDPBF LINER-LT1618EDDPBF Datasheet
215Kb / 16P
Constant-Current/ Constant-Voltage 1.4MHz Step-Up DC/DC Converter
LT1618EMSPBF LINER-LT1618EMSPBF Datasheet
215Kb / 16P
Constant-Current/ Constant-Voltage 1.4MHz Step-Up DC/DC Converter
LTC1874 LINER-LTC1874_15 Datasheet
191Kb / 12P
Dual Constant Frequency Current Mode Step-Down DC/DC Controller
LT1618 LINER-LT1618_15 Datasheet
215Kb / 16P
Constant-Current/ Constant-Voltage 1.4MHz Step-Up DC/DC Converter
LT3741 LINER-LT3741_15 Datasheet
390Kb / 24P
High Power, Constant Current, Constant Voltage, Step-Down Controller
LT3741-1 LINER-LT3741-1_15 Datasheet
390Kb / 24P
High Power, Constant Current, Constant Voltage, Step-Down Controller
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com