Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

835-01213F Datasheet (PDF) - E&E Magnetic Products Limited

Part # 835-01213F
Description  XFMR, RM6, TH, 4 PIN
File Size   52.6 Kbytes
Html View  1   2   3 
Manufacturer  EEMAGNETIC [E&E Magnetic Products Limited]
Direct Link  http://www.eemagnetic.com/
Logo EEMAGNETIC - E&E Magnetic Products Limited

835-01213F Datasheet (PDF) - E&E Magnetic Products Limited



Similar Part No. - 835-01213F

ManufacturerPart #DatasheetDescription
logo
E&E Magnetic Products L...
835-01215F EEMAGNETIC-835-01215F Datasheet
51Kb / 3P
PXFM, FLYBACK, EF25, TH, 20VW, 10PIN
835-01217F EEMAGNETIC-835-01217F Datasheet
47Kb / 3P
PXFM, FLBACK, EP7, SMT, 8 PIN
835-01219F EEMAGNETIC-835-01219F Datasheet
110Kb / 4P
PXFM, FLYBACK, EFD20, 20W, 40uH, SMD, 12 PIN, CISCO
More results


Similar Description - 835-01213F

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
TX1267FNL PULSE-TX1267FNL Datasheet
516Kb / 3P
XFMR,OCTAL,T1,40-PIN
TX1267QNL PULSE-TX1267QNL Datasheet
220Kb / 2P
XFMR,OCTAL,T1,40-PIN
logo
E&E Magnetic Products L...
832-00646F EEMAGNETIC-832-00646F Datasheet
43Kb / 3P
PCMC, T CORE, 3.9mH, 2PHASES,TH, 4 PIN
832-00648F EEMAGNETIC-832-00648F Datasheet
37Kb / 3P
PCMC, UU9.8, 15mH, 2 PHASES, TH, 4 PIN
832-00659F EEMAGNETIC-832-00659F Datasheet
36Kb / 3P
PCMC,T CORE,2.7mH,2 PHASES, TH, 4 PIN
832-00661F EEMAGNETIC-832-00661F Datasheet
419Kb / 3P
PCMC, UT20, 3.3mH, TH, 4 Pin
832-00709F EEMAGNETIC-832-00709F Datasheet
54Kb / 3P
PCMC, UU9.8, 20mH, 2 PHASES,TH, 4 PIN
835-01313F EEMAGNETIC-835-01313F Datasheet
417Kb / 3P
PXFM, EE16, TH, 4 PIN, 270704
835-01352F EEMAGNETIC-835-01352F Datasheet
59Kb / 3P
PXFM, EE16, TH, 4 PIN, 278474
833-00054 EEMAGNETIC-833-00054 Datasheet
92Kb / 3P
INDUCTOR, CURRENT SENSE, TH,4 PIN
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com