Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

835-01219F Datasheet (PDF) - E&E Magnetic Products Limited

Part # 835-01219F
Description  PXFM, FLYBACK, EFD20, 20W, 40uH, SMD, 12 PIN, CISCO
File Size   110.68 Kbytes
Html View  1   2   3   4 
Manufacturer  EEMAGNETIC [E&E Magnetic Products Limited]
Direct Link  http://www.eemagnetic.com/
Logo EEMAGNETIC - E&E Magnetic Products Limited

835-01219F Datasheet (PDF) - E&E Magnetic Products Limited



Similar Part No. - 835-01219F

ManufacturerPart #DatasheetDescription
logo
E&E Magnetic Products L...
835-01213F EEMAGNETIC-835-01213F Datasheet
52Kb / 3P
XFMR, RM6, TH, 4 PIN
835-01215F EEMAGNETIC-835-01215F Datasheet
51Kb / 3P
PXFM, FLYBACK, EF25, TH, 20VW, 10PIN
835-01217F EEMAGNETIC-835-01217F Datasheet
47Kb / 3P
PXFM, FLBACK, EP7, SMT, 8 PIN
More results


Similar Description - 835-01219F

ManufacturerPart #DatasheetDescription
logo
E&E Magnetic Products L...
835-00960F EEMAGNETIC-835-00960F Datasheet
49Kb / 3P
PXFM, FLYBACK, EP13, 13W, SMT, 10 PIN
835-01041-1F EEMAGNETIC-835-01041-1F Datasheet
115Kb / 4P
PXFM, FLYBACK, EFD15, 10.075W, SMT, 12 PIN
835-01042-1F EEMAGNETIC-835-01042-1F Datasheet
116Kb / 4P
PXFM, FLYBACK, EFD 15, 12.28W, SMD, 12PIN
835-01205F EEMAGNETIC-835-01205F Datasheet
110Kb / 4P
PXFM,FLYBACK,EFD15,10W,SMD,12PIN
835-01206F EEMAGNETIC-835-01206F Datasheet
235Kb / 4P
PXFM,PUSH,PULL,EFD25,60W,SMD,12 PIN
835-01268F EEMAGNETIC-835-01268F Datasheet
114Kb / 4P
PXFM, FLYBACK, EP13, 20W, SMD, 10PIN
835-01292F EEMAGNETIC-835-01292F Datasheet
302Kb / 4P
PXFM, FLYBACK, EFD20,30W,SMD, 12PIN
835-01305F EEMAGNETIC-835-01305F Datasheet
300Kb / 4P
PXFM, FORWARD, EFD20, 60W, 100uH, SMD, 12PIN
835-01355F EEMAGNETIC-835-01355F Datasheet
118Kb / 4P
PXFM, FLYBACK, EP13, 133UH, SMD, 10PIN
835-01370F EEMAGNETIC-835-01370F Datasheet
121Kb / 4P
PXFM, FLYBACK, EP13, 41uH, 36W, SMD, 10 PIN
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com