Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

835-01268F Datasheet (PDF) - E&E Magnetic Products Limited

Part # 835-01268F
Description  PXFM, FLYBACK, EP13, 20W, SMD, 10PIN
File Size   114.39 Kbytes
Html View  1   2   3   4 
Manufacturer  EEMAGNETIC [E&E Magnetic Products Limited]
Direct Link  http://www.eemagnetic.com/
Logo EEMAGNETIC - E&E Magnetic Products Limited

835-01268F Datasheet (PDF) - E&E Magnetic Products Limited



Similar Part No. - 835-01268F

ManufacturerPart #DatasheetDescription
logo
E&E Magnetic Products L...
835-01201F EEMAGNETIC-835-01201F Datasheet
57Kb / 3P
PXFM, ER2510, 1.0mH, TH, 10PIN
835-01202F EEMAGNETIC-835-01202F Datasheet
57Kb / 3P
PXFM, ER2510, 1.9mH, TH, 10PIN
835-01203F EEMAGNETIC-835-01203F Datasheet
57Kb / 3P
PXFM, ER2510, 0.7mH, TH, 10PIN
835-01204F EEMAGNETIC-835-01204F Datasheet
56Kb / 3P
PXFM, ER2510, 1.3mH, TH, 10PIN
835-01205F EEMAGNETIC-835-01205F Datasheet
110Kb / 4P
PXFM,FLYBACK,EFD15,10W,SMD,12PIN
More results


Similar Description - 835-01268F

ManufacturerPart #DatasheetDescription
logo
E&E Magnetic Products L...
835-00960F EEMAGNETIC-835-00960F Datasheet
49Kb / 3P
PXFM, FLYBACK, EP13, 13W, SMT, 10 PIN
835-01064-1F EEMAGNETIC-835-01064-1F Datasheet
114Kb / 4P
PXFM, FORWARD, EP13, 30W, SMD, 10PIN
835-01201F EEMAGNETIC-835-01201F Datasheet
57Kb / 3P
PXFM, ER2510, 1.0mH, TH, 10PIN
835-01204F EEMAGNETIC-835-01204F Datasheet
56Kb / 3P
PXFM, ER2510, 1.3mH, TH, 10PIN
835-01215F EEMAGNETIC-835-01215F Datasheet
51Kb / 3P
PXFM, FLYBACK, EF25, TH, 20VW, 10PIN
835-01219F EEMAGNETIC-835-01219F Datasheet
110Kb / 4P
PXFM, FLYBACK, EFD20, 20W, 40uH, SMD, 12 PIN, CISCO
835-01333F EEMAGNETIC-835-01333F Datasheet
109Kb / 4P
PXFM, EP13, 15UH, SMD, 10PIN
835-01355F EEMAGNETIC-835-01355F Datasheet
118Kb / 4P
PXFM, FLYBACK, EP13, 133UH, SMD, 10PIN
835-01370F EEMAGNETIC-835-01370F Datasheet
121Kb / 4P
PXFM, FLYBACK, EP13, 41uH, 36W, SMD, 10 PIN
835-01376F EEMAGNETIC-835-01376F Datasheet
472Kb / 4P
PXFM, EP13, 3mH, SMD, 10 PIN
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com