Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS07808AS-R Datasheet (PDF) - PUI audio inc.

Part # AS07808AS-R
Description  Coated alloy cone for extended frequency response to 40 kHz
File Size   778.25 Kbytes
Html View  1   2   3   4   5 
Manufacturer  PUIAUDIO [PUI audio inc.]
Direct Link  http://www.puiaudio.com/
Logo PUIAUDIO - PUI audio inc.

AS07808AS-R Datasheet (PDF) - PUI audio inc.



Similar Part No. - AS07808AS-R

ManufacturerPart #DatasheetDescription
logo
Projects Unlimited, Inc...
AS07004PO-R PUI-AS07004PO-R Datasheet
328Kb / 1P
Speaker
logo
PUI audio inc.
AS07004PO-R PUIAUDIO-AS07004PO-R Datasheet
270Kb / 1P
ALL DIMENSIONS ARE IN MILLIMETERS
logo
Projects Unlimited, Inc...
AS07004PO-WR-R PUI-AS07004PO-WR-R Datasheet
337Kb / 1P
Speaker
logo
PUI audio inc.
AS07004PO-WR-R PUIAUDIO-AS07004PO-WR-R Datasheet
274Kb / 1P
ALL DIMENSIONS ARE IN MILLIMETERS
logo
Projects Unlimited, Inc...
AS07008PO-2-R PUI-AS07008PO-2-R Datasheet
310Kb / 1P
Speaker
More results


Similar Description - AS07808AS-R

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N100A MICROSEMI-1N100A Datasheet
62Kb / 1P
Optimized for Radio Frequency Response
1N270 MICROSEMI-1N270 Datasheet
63Kb / 1P
Optimized for Radio Frequency Response
1N34A MICROSEMI-1N34A Datasheet
62Kb / 1P
Optimized for Radio Frequency Response
logo
Texas Instruments
UCC28070A TI1-UCC28070A Datasheet
1Mb / 43P
Extended Frequency Range (10 kHz to 300 kHz)
UCC28070A TI1-UCC28070A_12 Datasheet
1Mb / 44P
Extended Frequency Range (10 kHz to 300 kHz), Interleaving Continuous Conduction Mode PFC Controller
logo
Microsemi Corporation
1N34A MICROSEMI-1N34A Datasheet
61Kb / 1P
Optimized for Radio Frequency Response
logo
Texas Instruments
UCC28070A TI-UCC28070A_15 Datasheet
988Kb / 44P
Extended Frequency Range (10 kHz to 300 kHz), Interleaving Continuous Conduction Mode PFC Controller
logo
PUI audio inc.
AS03608AS-R PUIAUDIO-AS03608AS-R Datasheet
935Kb / 5P
Coated alloy cone for extended frequency response to 40 kHz
AS05308AS-R PUIAUDIO-AS05308AS-R Datasheet
757Kb / 5P
Coated alloy cone for extended frequency response to 40 kHz
logo
Marki Microwave
BTN-0040 MARKIMICROWAVE-BTN-0040 Datasheet
524Kb / 4P
Broadband: 40 kHz to 40 GHz
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com