Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

106414 Datasheet (PDF) - PHOENIX CONTACT

Part # 106414
Description  PLD E 608 W
File Size   166.54 Kbytes
Html View  1   2   3   4   5   6   7   8   9 
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

106414 Datasheet (PDF) - PHOENIX CONTACT



Similar Part No. - 106414

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
106414-1201 MOLEX11-106414-1201 Datasheet
68Kb / 1P
QSFP to MPO Quad Data Rate PSM4 Active Optical Cable, 40 Gbps Data Rate, 2dB Loss Budget, Cable Length 1.0m
106414-1203 MOLEX11-106414-1203 Datasheet
68Kb / 1P
QSFP to MPO Quad Data Rate PSM4 Active Optical Cable, 40 Gbps Data Rate, 2dB Loss Budget, Cable Length 3.0m
106414-1205 MOLEX11-106414-1205 Datasheet
68Kb / 1P
QSFP to MPO Quad Data Rate PSM4 Active Optical Cable, 40 Gbps Data Rate, 2dB Loss Budget, Cable Length 5.0m
106414-1401 MOLEX11-106414-1401 Datasheet
68Kb / 1P
QSFP to MPO Quad Data Rate PSM4 Active Optical Cable, 40 Gbps Data Rate, 4dB Loss Budget, Cable Length 1.0m
106414-1403 MOLEX11-106414-1403 Datasheet
68Kb / 1P
QSFP to MPO Quad Data Rate PSM4 Active Optical Cable, 40 Gbps Data Rate, 4dB Loss Budget, Cable Length 3.0m
More results


Similar Description - 106414

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2702223 PHOENIX-2702223 Datasheet
112Kb / 8P
LED enclosure light - PLD E 400 W 500
2702224 PHOENIX-2702224 Datasheet
126Kb / 7P
LED enclosure light - PLD E 608 W 265
2702226 PHOENIX-2702226 Datasheet
116Kb / 7P
LED enclosure light - PLD E 608 W 315/F
2702227 PHOENIX-2702227 Datasheet
122Kb / 6P
LED enclosure light - PLD E 608 W 315/B
2702228 PHOENIX-2702228 Datasheet
116Kb / 6P
LED enclosure light - PLD E 608 W 315/E
106445 PHOENIX-106445 Datasheet
149Kb / 10P
PLD E 400 W
2702307 PHOENIX-2702307 Datasheet
55Kb / 3P
Power cable - PLD E 608-CA-MS/0,6/FS/UL
2702310 PHOENIX-2702310 Datasheet
54Kb / 3P
T distributor - PLD E 608-CO-MS/FS/FR
1319565 PHOENIX-1319565 Datasheet
501Kb / 8P
LED enclosure light - PLD E 706 W 395 E
Nov 16, 2022
1319569 PHOENIX-1319569 Datasheet
498Kb / 9P
LED enclosure light - PLD E 409 W 350
Nov 16, 2022
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com