Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFBPF1109B201T Datasheet (PDF) - WALSIN TECHNOLOGY CORPORATION

Part # RFBPF1109B201T
Description  1930 ~ 1990 MHz Band Working Frequency
File Size   619.43 Kbytes
Html View  1   2   3   4   5   6   7 
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

RFBPF1109B201T Datasheet (PDF) - WALSIN TECHNOLOGY CORPORATION



Similar Part No. - RFBPF1109B201T

ManufacturerPart #DatasheetDescription
logo
WALSIN TECHNOLOGY CORPO...
RFBPF1109B301T WALSIN-RFBPF1109B301T Datasheet
568Kb / 7P
1805 ~ 1880 MHz Working Frequency
RFBPF1109B501T WALSIN-RFBPF1109B501T Datasheet
607Kb / 7P
869 ~ 894 MHz Band Working Frequency
RFBPF1109B801T WALSIN-RFBPF1109B801T Datasheet
596Kb / 7P
925 ~ 960 MHz Working Frequency
More results


Similar Description - RFBPF1109B201T

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAMDES0010 MACOM-MAMDES0010 Datasheet
66Kb / 2P
E-Series I/Q Modulator 1930 - 1990 MHz
PH1920-90 MACOM-PH1920-90 Datasheet
48Kb / 1P
Wireless Power Transistor 90 Watts, 1930-1990 MHz
PH1920-45 MACOM-PH1920-45 Datasheet
146Kb / 2P
WIRELESS BIPOLAR POWER TRASISTOR 45W 1930-1990 MHZ
PH1920-33 MACOM-PH1920-33 Datasheet
133Kb / 2P
Wireless Bipolar Power Transistor, 33W 1930 - 1990 MHz
MADCSM0001 MACOM-MADCSM0001 Datasheet
267Kb / 8P
Dual-Band/Triple-Mode Downconverter 869 - 893 MHz and 1930 - 1990 MHz
logo
Stealth Microwave, Inc.
SM1920-52LD STEALTH_MICROWAVE-SM1920-52LD Datasheet
150Kb / 3P
1930 - 1990 MHz 160 Watt Power Amplifier
logo
M/A-COM Technology Solu...
MAFR-000086-PS1C1T MA-COM-MAFR-000086-PS1C1T Datasheet
94Kb / 2P
Single Junction Drop-In Circulator 1930 MHz-1990 MHz
MAFRIN0540 MA-COM-MAFRIN0540 Datasheet
94Kb / 2P
Single Junction Drop-In Circulator 1930 MHz-1990 MHz
PH1920-45 MA-COM-PH1920-45 Datasheet
138Kb / 2P
Wireless Bipolar Power Transistor 45W, 1930-1990 MHz
logo
WALSIN TECHNOLOGY CORPO...
SF11091960B201T WALSIN-SF11091960B201T Datasheet
765Kb / 8P
1930~1990 MHz Band Working Frequency
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com