Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U325-003-IND Datasheet (PDF) - Tripp Lite. All Rights Reserved

Part # U325-003-IND
Description  USB-A Male to USB-A Male Cable, SuperSpeed, 3.0/3.1, Industrial, 3 ft. (1 m) - IP67, Shielded, TAA
File Size   165.96 Kbytes
Html View  1   2   3 
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

U325-003-IND Datasheet (PDF) - Tripp Lite. All Rights Reserved



Similar Part No. - U325-003-IND

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U325-003 TRIPPLITE-U325-003 Datasheet
173Kb / 3P
USB 3.0 SuperSpeed A/A Cable for Tripp Lite USB 3.0 All-in-One Keystone/Panel Mount Couplers (M/M), Black, 3 ft.
More results


Similar Description - U325-003-IND

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
632905731122 ETC2-632905731122 Datasheet
343Kb / 2P
CABLE USB 3.1 C MALE TO USB 3.0 A FEMALE
632910731131 ETC2-632910731131 Datasheet
314Kb / 2P
CABLE USB 3.1 C MALE TO USB 3.1 A MALE
logo
Wurth Elektronik GmbH &...
632905731122 WURTH-632905731122 Datasheet
388Kb / 2P
CABLE USB 3.1 C MALE TO USB 3.0 A FEMALE
632910731131 WURTH-632910731131 Datasheet
360Kb / 2P
CABLE USB 3.1 C MALE TO USB 3.1 A MALE
logo
Tripp Lite. All Rights ...
U324-003-BK TRIPPLITE-U324-003-BK Datasheet
170Kb / 3P
USB 3.0 SuperSpeed Extension Cable - USB-A to USB-A, M/F, Black, 3 ft. (0.9 m)
U325-000-IND TRIPPLITE-U325-000-IND Datasheet
167Kb / 3P
USB 3.0 Coupler, SuperSpeed, 3.0/3.1, Industrial - USB-A F/F, Shielded, IP67, Dust Cap, TAA
U325-006-IND TRIPPLITE-U325-006-IND Datasheet
167Kb / 3P
USB-A Male to USB-A Male Cable, SuperSpeed, 3.0/3.1, Industrial, 6 ft. (1.8 m) - IP67, Shielded, TAA
U325-010-IND TRIPPLITE-U325-010-IND Datasheet
167Kb / 3P
USB-A Male to USB-A Male Cable, SuperSpeed, 3.0/3.1, Industrial, 10 ft. (3 m) - IP67, Shielded, TAA
U325-013-IND TRIPPLITE-U325-013-IND Datasheet
167Kb / 3P
USB-A Male to USB-A Male Cable, SuperSpeed, 3.0/3.1, Industrial, 13 ft. (4 m) - IP67, Shielded, TAA
U320-003-BK TRIPPLITE-U320-003-BK Datasheet
166Kb / 3P
USB 3.0 SuperSpeed A/A Cable (M/M), Black, 3 ft.
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com