Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMD189P3 Datasheet (PDF) - Custom MMIC Design Services, Inc.

Part # CMD189P3
Description  10-14 GHz Low Noise Amplifier
File Size   243.04 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  MMIC [Custom MMIC Design Services, Inc.]
Direct Link  https://www.custommmic.com/
Logo MMIC - Custom MMIC Design Services, Inc.

CMD189P3 Datasheet (PDF) - Custom MMIC Design Services, Inc.



Similar Part No. - CMD189P3

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
CMD189 APITECH-CMD189 Datasheet
113Kb / 1P
3.5 Diplexer
More results


Similar Description - CMD189P3

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC564LC4 HITTITE-HMC564LC4 Datasheet
267Kb / 6P
GaAs SMT PHEMT LOW NOISE AMPLIFIER, 7 - 14 GHz
HMC-ALH216 HITTITE-HMC-ALH216 Datasheet
190Kb / 6P
GaAs HEMT MMIC LOW NOISE AMPLIFIER, 14 - 27 GHz
HMC-ALH476 HITTITE-HMC-ALH476 Datasheet
190Kb / 6P
GaAs HEMT MMIC LOW NOISE AMPLIFIER, 14 - 27 GHz
HMC504LC4B HITTITE-HMC504LC4B Datasheet
911Kb / 6P
GaAs HEMT MMIC LOW NOISE AMPLIFIER, 14 - 27 GHz
HMC564LC4 HITTITE-HMC564LC4_09 Datasheet
233Kb / 6P
GaAs SMT PHEMT LOW NOISE AMPLIFIER, 7 - 14 GHz
logo
Analog Devices
HMC8411LP2FE AD-HMC8411LP2FE Datasheet
575Kb / 23P
Low Noise Amplifier, 0.01 GHz to 10 GHz
5/2019-Rev. 0 to Rev. A
logo
Custom MMIC Design Serv...
CMD167 MMIC-CMD167 Datasheet
214Kb / 9P
10-17 GHz Low Noise Amplifier
logo
Analog Devices
HMC8412CHIPS AD-HMC8412CHIPS Datasheet
485Kb / 21P
Low Noise Amplifier, 0.4 GHz to 10 GHz
8/2020-Revision 0
logo
Qorvo, Inc
QPA2609D QORVO-QPA2609D Datasheet
1Mb / 16P
7 ??14 GHz Low Noise Amplifier
QPA2609 QORVO-QPA2609 Datasheet
1Mb / 17P
7 ??14 GHz GaAs Low Noise Amplifier
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com