Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3048360 Datasheet (PDF) - PHOENIX CONTACT

Part # 3048360
Description  USEN 18 N
File Size   108.84 Kbytes
Html View  1   2   3   4   5 
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3048360 Datasheet (PDF) - PHOENIX CONTACT



Similar Part No. - 3048360

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
30483 GAMEWELL-FCI-30483 Datasheet
61Kb / 2P
Fire Fighter Phone Accessories
logo
PHOENIX CONTACT
3048315 PHOENIX-3048315 Datasheet
74Kb / 6P
Feed-through terminal block - UK 35 BK
3048328 PHOENIX-3048328 Datasheet
188Kb / 18P
Feed-through terminal block - UK 35 RD
3048357 PHOENIX-3048357 Datasheet
132Kb / 10P
Fuse modular terminal block - USEN 14 N
09/12/2020
3048386 PHOENIX-3048386 Datasheet
127Kb / 6P
UK 10,3-HESI N
More results


Similar Description - 3048360

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMP20N05 FAIRCHILD-FMP20N05 Datasheet
126Kb / 4P
N-Channel Power MOSFETs, 18-20 A, 50 V
logo
Mini-Circuits
KARN-50-18 MINI-KARN-50-18 Datasheet
114Kb / 1P
Termination N-Type 50??DC to 18 GHz
logo
ON Semiconductor
NGB18N40CLBT4 ONSEMI-NGB18N40CLBT4 Datasheet
135Kb / 10P
18 Amps, 400 Volts N-Channel D2PAK
March, 2005 ??Rev. 1
logo
Unisonic Technologies
18N50 UTC-18N50 Datasheet
163Kb / 6P
18 Amps, 500 Volts N-CHANNEL POWER MOSFET
logo
Pasternack Enterprises,...
PE5501-KIT PASTERNACK-PE5501-KIT Datasheet
138Kb / 1P
Type N, 18 GHz VNA Calibration Kit
logo
ON Semiconductor
NTMS4107NR2G ONSEMI-NTMS4107NR2G Datasheet
77Kb / 6P
30 V, 18 A, Single N?묬hannel, SO??
February, 2006 ??Rev. 3
logo
MagnaChip Semiconductor...
MDF18N50 MGCHIP-MDF18N50 Datasheet
832Kb / 6P
N-Channel MOSFET 500V, 18 A, 0.27(ohm)
logo
Pasternack Enterprises,...
PE3455-18 PASTERNACK-PE3455-18 Datasheet
365Kb / 4P
N Male to N Male Cable 18 Inch Length Using RG142 Coax
logo
PHOENIX CONTACT
3048357 PHOENIX-3048357 Datasheet
132Kb / 10P
Fuse modular terminal block - USEN 14 N
09/12/2020
logo
Littelfuse
LGB8204ATH LITTELFUSE-LGB8204ATH Datasheet
472Kb / 10P
400 V, 18 A N-Channel Ignition IGBT
3/16/2020
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com