Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

133108A Datasheet (PDF) - Belden Inc.

Part # 133108A
Description  THREE 22 AWG (7 X 30) TINNED COPPER FOAM HIGH DENSITY POLYETHYLENE
File Size   36.7 Kbytes
Html View  1 
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

133108A Datasheet (PDF) - Belden Inc.



Similar Part No. - 133108A

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
133105A BELDEN-133105A Datasheet
83Kb / 2P
ONE 22 AWG (7 X 30) TINNED COPPER FOAM HIGH DENSITY POLYETHYLENE
133106A BELDEN-133106A Datasheet
69Kb / 1P
TYPE PLTC: ONE AND ONE HALF PAIRS - 22(7X) AWG TINNED CU CONDUCTORS WITH DATALENE INSULATION ON THE PAIR
133107A BELDEN-133107A Datasheet
87Kb / 3P
TWO 22 AWG (7X30) TINNED COPPER, DATALENE
133109A BELDEN-133109A Datasheet
81Kb / 1P
FOUR 22 AWG (7X30) TINNED COPPER FOAM HIGH DENSITY POLYETHYLENE
More results


Similar Description - 133108A

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C9209A GENERAL-C9209A Datasheet
69Kb / 1P
#22 AWG 7/30 Tinned Copper
logo
List of Unclassifed Man...
1345000 ETC2-1345000 Datasheet
98Kb / 3P
22 AWG stranded (7x30) .030 bare copper conductor, foam polyethylene insulation
1346109 ETC2-1346109 Datasheet
99Kb / 3P
18 AWG bare copper conductor, foam polyethylene insulation
28379 ETC2-28379 Datasheet
34Kb / 4P
20 AWG stranded (19x32) .037 tinned copper conductor, foam polyethylene insulation
9438 ETC2-9438 Datasheet
92Kb / 2P
Tinned copper conductor. Black high-density polyethylene insulation
9221 ETC2-9221 Datasheet
97Kb / 2P
30 AWG stranded (7x38) .012 tinned copper conductor, foam HDPE insulation
logo
Belden Inc.
123108A BELDEN-123108A Datasheet
92Kb / 1P
THREE 22 AWG (7X30) TINNED COPPER FOAM HIGH DENSITY POLYETHYLENE
123109A BELDEN-123109A Datasheet
84Kb / 2P
FOUR 22 AWG (7 X 30) TINNED COPPER FOAM HIGH DENSITY POLYETHYLENE
133105A BELDEN-133105A Datasheet
83Kb / 2P
ONE 22 AWG (7 X 30) TINNED COPPER FOAM HIGH DENSITY POLYETHYLENE
133109A BELDEN-133109A Datasheet
81Kb / 1P
FOUR 22 AWG (7X30) TINNED COPPER FOAM HIGH DENSITY POLYETHYLENE
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com