Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NX8563 Datasheet (PDF) - California Eastern Labs

Part # NX8563
Description  NECs CW InGaAsP MQW DFB LASER DIODE MODULE FOR DWDM APPLICATIONS (10 mW MIN)
File Size   210.06 Kbytes
Html View  1   2   3   4   5   6   7 
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NX8563 Datasheet (PDF) - California Eastern Labs



Similar Part No. - NX8563

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NX8563-AZ CEL-NX8563-AZ Datasheet
249Kb / 7P
Nec CW In GaAsP MQW DFB LASER DIODE MODULE
NX8563LA CEL-NX8563LA Datasheet
399Kb / 6P
1 550 nm InGaAsP MQW-DFB LASER DIODE MODULE 2.5 Gb/s DIRECTLY MODULATION LIGHT SOURCE FOR DWDM APPLICATIONS
NX8563LA CEL-NX8563LA Datasheet
399Kb / 6P
1 550 nm InGaAsP MQW-DFB LASER DIODE MODULE
logo
Renesas Technology Corp
NX8563LA RENESAS-NX8563LA Datasheet
288Kb / 10P
LASER DIODE
2005
logo
California Eastern Labs
NX8563LA303-CC CEL-NX8563LA303-CC Datasheet
399Kb / 6P
1 550 nm InGaAsP MQW-DFB LASER DIODE MODULE 2.5 Gb/s DIRECTLY MODULATION LIGHT SOURCE FOR DWDM APPLICATIONS
More results


Similar Description - NX8563

ManufacturerPart #DatasheetDescription
logo
NEC
NX8563LB NEC-NX8563LB Datasheet
71Kb / 8P
CW LIGHT SOURCE InGaAsP STRAINED MQW-DFB LASER DIODE MODULE FOR D-WDM APPLICATIONS
NX8503BG NEC-NX8503BG Datasheet
98Kb / 5P
NECs 1550 nm InGaAsP MQW DFB LASER DIODE
logo
California Eastern Labs
NX8560MC CEL-NX8560MC Datasheet
189Kb / 5P
NECs EA MODULATOR INTEGRATED InGaAsP MQW DFB LASER DIODE MODULE WITH DRIVER FOR 10 Gb/s APPLICATIONS
NX8562 CEL-NX8562 Datasheet
216Kb / 7P
NECs CW InGaAsP MQW DFB LASER DIODE MODULE FOR DWDM APPLICATION (20 mW MIN)
NX8562LF CEL-NX8562LF Datasheet
338Kb / 10P
1 550 nm InGaAsP MQW-DFB LASER DIODE MODULE CW LIGHT SOURCE FOR DWDM APPLICATIONS
NX8563LF CEL-NX8563LF_05 Datasheet
456Kb / 10P
1 550 nm InGaAsP MQW-DFB LASER DIODE MODULE CW LIGHT SOURCE FOR DWDM APPLICATIONS
NX8562LB CEL-NX8562LB Datasheet
255Kb / 7P
NECs CW InGaAsP MQW DFB LASER DIODE MODULE
NX8304BE CEL-NX8304BE Datasheet
106Kb / 5P
NECs 1310 nm InGaAsP MQW-DFB LASER DIODE
NX8303BG CEL-NX8303BG Datasheet
99Kb / 4P
NECs 1310 nm InGaAsP MQW-DFB LASER DIODE
NX8300BE CEL-NX8300BE Datasheet
126Kb / 5P
NECs 1310 nm InGaAsP MQW-DFB LASER DIODE
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com