Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TRF1223 Datasheet (PDF) - Texas Instruments

Part # TRF1223
Description  3.3-GHz TO 3.8-GHZ 1-W Power Amplifier
File Size   198.5 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRF1223 Datasheet (PDF) - Texas Instruments



Similar Part No. - TRF1223

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF1223 TI-TRF1223 Datasheet
324Kb / 13P
3.3-GHz To 3.8-GHz 1-W Power Amplifier
TRF1223IRTMR TI-TRF1223IRTMR Datasheet
324Kb / 13P
3.3-GHz To 3.8-GHz 1-W Power Amplifier
TRF1223IRTMRG3 TI-TRF1223IRTMRG3 Datasheet
324Kb / 13P
3.3-GHz To 3.8-GHz 1-W Power Amplifier
TRF1223IRTMT TI-TRF1223IRTMT Datasheet
324Kb / 13P
3.3-GHz To 3.8-GHz 1-W Power Amplifier
TRF1223IRTMTG3 TI-TRF1223IRTMTG3 Datasheet
324Kb / 13P
3.3-GHz To 3.8-GHz 1-W Power Amplifier
More results


Similar Description - TRF1223

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAPSS0104 MACOM-MAAPSS0104 Datasheet
137Kb / 5P
High Power Linear Amplifier 3.3 - 3.8 GHz
logo
Texas Instruments
TRF1223 TI-TRF1223_07 Datasheet
324Kb / 13P
3.3-GHz To 3.8-GHz 1-W Power Amplifier
logo
Stealth Microwave, Inc.
SMTR3338-43L STEALTH_MICROWAVE-SMTR3338-43L Datasheet
148Kb / 5P
3.3-3.8 GHz Bi-Directional Power Amplifier
logo
Hittite Microwave Corpo...
HMC409LP4 HITTITE-HMC409LP4_10 Datasheet
1,019Kb / 8P
GaAs InGaP HBT 1 WATT POWER AMPLIFIER, 3.3 - 3.8 GHz
logo
ANADIGICS, Inc
AWT6283R ANADIGICS-AWT6283R Datasheet
485Kb / 10P
3.3 GHz to 3.8 GHz Mobile WiMAX Power Amplifier Module
logo
TriQuint Semiconductor
AP562 TRIQUINT-AP562_15 Datasheet
503Kb / 8P
3.3-3.8 GHz WiMAX 8W Power Amplifier
TQC9312 TRIQUINT-TQC9312_15 Datasheet
397Kb / 9P
3.3 ??3.8 GHz W Digital Variable Gain Amplifier
logo
RF Micro Devices
RF5623 RFMD-RF5623 Datasheet
3Mb / 18P
SINGLE 5.0V, 3.3 TO 3.8 GHZ LINEAR POWER AMPLIFIER
logo
AVAGO TECHNOLOGIES LIMI...
MGA-23003 AVAGO-MGA-23003_15 Datasheet
694Kb / 17P
3.3-3.8 GHz WiMAX Power Amplifier
logo
Broadcom Corporation.
MGA-23003 BOARDCOM-MGA-23003 Datasheet
694Kb / 17P
3.3-3.8 GHz WiMAX Power Amplifier (3x3mm)
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com