Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

730 Datasheet (PDF) - Jiangsu Donghai Semiconductor Technology Co.,Ltd

Part # 730
Description  6A 400V N-channel Enhancement Mode Power MOSFET
File Size   1762.17 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  WXDH [Jiangsu Donghai Semiconductor Technology Co.,Ltd]
Direct Link  http://www.jswxdh.cn
Logo WXDH - Jiangsu Donghai Semiconductor Technology Co.,Ltd

730 Datasheet (PDF) - Jiangsu Donghai Semiconductor Technology Co.,Ltd



Similar Part No. - 730

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
730 ETC2-730 Datasheet
362Kb / 1P
GROMMETS , BUSHINGS
logo
3M Electronics
730 3M-730 Datasheet
499Kb / 5P
700-Series SMP Products:
Jun-2016
730 3M-730 Datasheet
499Kb / 5P
3M??700-Series SMP Products
2015
logo
Keystone Electronics Co...
730 KEYSTONE-730 Datasheet
83Kb / 1P
GROMMETS, BUMPERS & BUSHINGS
31-07 20th
730 KEYSTONE-730 Datasheet
355Kb / 1P
GROMMETS & BUSHINGS
31-07 20th
More results


Similar Description - 730

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
H9926S HSMC-H9926S Datasheet
45Kb / 4P
Dual N-Channel Enhancement-Mode MOSFET (20V, 6A)
H9926TS HSMC-H9926TS Datasheet
44Kb / 4P
Dual N-Channel Enhancement-Mode MOSFET (20V, 6A)
logo
Pan Jit International I...
PJP730 PANJIT-PJP730 Datasheet
217Kb / 6P
400V N-Channel Enhancement Mode MOSFET
logo
SeCoS Halbleitertechnol...
SGM3055 SECOS-SGM3055_11 Datasheet
778Kb / 4P
6A , 30V , RDS(ON) 26 m??N-Channel Enhancement Mode Power MOSFET
logo
Unisonic Technologies
6N40_1109 UTC-6N40_1109 Datasheet
189Kb / 6P
6A, 400V N-CHANNEL POWER MOSFET
logo
Hi-Sincerity Mocroelect...
H8205 HSMC-H8205 Datasheet
53Kb / 4P
Dual N-Channel Enhancement-Mode MOSFET (20V, 6A)
H8205A HSMC-H8205A Datasheet
57Kb / 4P
Dual N-Channel Enhancement-Mode MOSFET (20V, 6A)
logo
MagnaChip Semiconductor...
MDD9N40 MGCHIP-MDD9N40 Datasheet
840Kb / 6P
N-Channel MOSFET 400V, 6A, 0.85(ohm)
logo
Jiangsu Donghai Semicon...
740 WXDH-740 Datasheet
1Mb / 12P
10A 400V N-channel Enhancement Mode Power MOSFET
DH10N40 WXDH-DH10N40 Datasheet
1Mb / 12P
10A 400V N-channel Enhancement Mode Power MOSFET
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com