Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PH12U2 Datasheet (PDF) - Schneider Electric

Part # PH12U2
Description  APC Home Office SurgeArrest 12 Outlets with 2 USB charging ports (5V, 2.4A in total), 120V
File Size   61.51 Kbytes
Html View  1   2 
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

PH12U2 Datasheet (PDF) - Schneider Electric



Similar Part No. - PH12U2

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
PH12U2W SCHNEIDER-PH12U2W Datasheet
59Kb / 2P
APC Home Office SurgeArrest 12 Outlets with 2 USB charging ports (5V, 2.4A in total), 120V White
Apr 8, 2020
More results


Similar Description - PH12U2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NET9RMBLK ETC2-NET9RMBLK Datasheet
63Kb / 1P
APC Black Rackmount SurgeArrest 9 Outlet 120V
logo
Schneider Electric
P8GT SCHNEIDER-P8GT Datasheet
82Kb / 2P
APC Power-Saving Home/Office SurgeArrest, 8 Outlets with Phone Protection, 120V
Apr 8, 2020
P11GTV SCHNEIDER-P11GTV Datasheet
71Kb / 2P
APC Power-Saving Performance SurgeArrest, 11 Outlets with Phone and Video Protection, 120V
Apr 8, 2020
PH8 SCHNEIDER-PH8 Datasheet
62Kb / 2P
APC Home Office SurgeArrest 8 Outlets, 120V
Apr 8, 2020
PH8U2 SCHNEIDER-PH8U2 Datasheet
61Kb / 2P
APC Home Office SurgeArrest 8 Outlets with 2 USB charging ports (5V, 2.4A in total), 120V
Apr 8, 2020
PH8U2W SCHNEIDER-PH8U2W Datasheet
60Kb / 2P
APC Home Office SurgeArrest 8 Outlets with 2 USB Charging Ports (5V, 2.4A in total), 120V White
Apr 8, 2020
PH8W SCHNEIDER-PH8W Datasheet
60Kb / 2P
APC Home Office SurgeArrest 8 Outlets, 120V White
Apr 8, 2020
PH12U2W SCHNEIDER-PH12U2W Datasheet
59Kb / 2P
APC Home Office SurgeArrest 12 Outlets with 2 USB charging ports (5V, 2.4A in total), 120V White
Apr 8, 2020
PH12W SCHNEIDER-PH12W Datasheet
60Kb / 2P
APC Home Office SurgeArrest 12 Outlets, 120V White
Apr 8, 2020
BE850M2 SCHNEIDER-BE850M2 Datasheet
83Kb / 2P
APC Back-UPS BE850M2, 850VA, 2 USB charging ports, 120V
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com