Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSP02EMA24 Datasheet (PDF) - Schneider Electric

Part # SSP02EMA24
Description  Surge Protect - EMA - 240kA - 208Y/120VAC - 3P4W - T1
File Size   109.51 Kbytes
Html View  1   2 
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

SSP02EMA24 Datasheet (PDF) - Schneider Electric



Similar Part No. - SSP02EMA24

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
SSP02EMA24D SCHNEIDER-SSP02EMA24D Datasheet
102Kb / 2P
Surge Protect - EMA - 240kA - 208Y/120VAC - 3P4W - T1 - SW
SSP02EMA24DF SCHNEIDER-SSP02EMA24DF Datasheet
128Kb / 2P
Surge Protect - EMA - 240kA - 208Y/120VAC - 3P4W - T1 - SW - sine mod
SSP02EMA24F SCHNEIDER-SSP02EMA24F Datasheet
128Kb / 2P
Surge Protect - EMA - 240kA - 208Y/120VAC - 3P4W - T1 - sine mod
SSP02EMA24S SCHNEIDER-SSP02EMA24S Datasheet
105Kb / 2P
Surge Protect - EMA - 240kA - 208Y/120VAC - 3P4W - T4X
Apr 10, 2020
SSP02EMA24SD SCHNEIDER-SSP02EMA24SD Datasheet
107Kb / 2P
Surge Protect - EMA - 240kA - 208Y/120VAC - 3P4W - T4X - SW
Apr 10, 2020
More results


Similar Description - SSP02EMA24

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
SSP02EMA12 SCHNEIDER-SSP02EMA12 Datasheet
107Kb / 2P
Surge Protect - EMA - 120kA - 208Y/120VAC - 3P4W - T1
SSP02EMA16 SCHNEIDER-SSP02EMA16 Datasheet
109Kb / 2P
Surge Protect - EMA - 160kA - 208Y/120VAC - 3P4W - T1
SSP02EMA24D SCHNEIDER-SSP02EMA24D Datasheet
102Kb / 2P
Surge Protect - EMA - 240kA - 208Y/120VAC - 3P4W - T1 - SW
SSP02EMA24DF SCHNEIDER-SSP02EMA24DF Datasheet
128Kb / 2P
Surge Protect - EMA - 240kA - 208Y/120VAC - 3P4W - T1 - SW - sine mod
SSP02EMA24F SCHNEIDER-SSP02EMA24F Datasheet
128Kb / 2P
Surge Protect - EMA - 240kA - 208Y/120VAC - 3P4W - T1 - sine mod
SSP02EMA48 SCHNEIDER-SSP02EMA48 Datasheet
94Kb / 2P
Surge Protect - EMA - 480kA - 208Y/120VAC - 3P4W - T1
Apr 8, 2020
SSP02EMA24S SCHNEIDER-SSP02EMA24S Datasheet
105Kb / 2P
Surge Protect - EMA - 240kA - 208Y/120VAC - 3P4W - T4X
Apr 10, 2020
SSP02EMA24SD SCHNEIDER-SSP02EMA24SD Datasheet
107Kb / 2P
Surge Protect - EMA - 240kA - 208Y/120VAC - 3P4W - T4X - SW
Apr 10, 2020
SSP02EBA24 SCHNEIDER-SSP02EBA24 Datasheet
92Kb / 2P
Surge Protect - EBA - 240kA - 208Y/120VAC - 3P4W - T1
Apr 16, 2020
TVS2IMA24O1 SCHNEIDER-TVS2IMA24O1 Datasheet
101Kb / 2P
Surge Protect - IMA - 240kA - 208Y/120VAC - 3P4W - T1
May 15, 2020
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com