Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSP09EMA18D Datasheet (PDF) - Schneider Electric

Part # SSP09EMA18D
Description  Surge Protect - EMA - 180kA - 600VAC delta - 3P3W - T1 - SW
File Size   128.29 Kbytes
Html View  1   2 
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

SSP09EMA18D Datasheet (PDF) - Schneider Electric



Similar Part No. - SSP09EMA18D

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
SSP09EMA18 SCHNEIDER-SSP09EMA18 Datasheet
128Kb / 2P
Surge Protect - EMA - 180kA - 600VAC delta - 3P3W - T1
Apr 10, 2020
SSP09EMA18S SCHNEIDER-SSP09EMA18S Datasheet
118Kb / 2P
Surge Protect - EMA - 180kA - 600VAC delta - 3P3W - T4X
Apr 10, 2020
SSP09EMA18SD SCHNEIDER-SSP09EMA18SD Datasheet
118Kb / 2P
Surge Protect - EMA - 180kA - 600VAC delta - 3P3W - T4X - SW
Apr 10, 2020
More results


Similar Description - SSP09EMA18D

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
SSP09EMA10D SCHNEIDER-SSP09EMA10D Datasheet
128Kb / 2P
Surge Protect - EMA - 100kA - 600VAC delta - 3P3W - T1 - SW
Apr 10, 2020
SSP09EMA12D SCHNEIDER-SSP09EMA12D Datasheet
128Kb / 2P
Surge Protect - EMA - 120kA - 600VAC delta - 3P3W - T1 - SW
Apr 10, 2020
SSP09EMA16D SCHNEIDER-SSP09EMA16D Datasheet
128Kb / 2P
Surge Protect - EMA - 160kA - 600VAC delta - 3P3W - T1 - SW
Apr 10, 2020
SSP09EMA18 SCHNEIDER-SSP09EMA18 Datasheet
128Kb / 2P
Surge Protect - EMA - 180kA - 600VAC delta - 3P3W - T1
Apr 10, 2020
SSP09EMA18S SCHNEIDER-SSP09EMA18S Datasheet
118Kb / 2P
Surge Protect - EMA - 180kA - 600VAC delta - 3P3W - T4X
Apr 10, 2020
SSP09EMA18SD SCHNEIDER-SSP09EMA18SD Datasheet
118Kb / 2P
Surge Protect - EMA - 180kA - 600VAC delta - 3P3W - T4X - SW
Apr 10, 2020
SSP09EMA20D SCHNEIDER-SSP09EMA20D Datasheet
128Kb / 2P
Surge Protect - EMA - 200kA - 600VAC delta - 3P3W - T1 - SW
Apr 10, 2020
SSP09EMA24D SCHNEIDER-SSP09EMA24D Datasheet
128Kb / 2P
Surge Protect - EMA - 240kA - 600VAC delta - 3P3W - T1 - SW
TVS8HIMA18O1 SCHNEIDER-TVS8HIMA18O1 Datasheet
99Kb / 2P
Surge Protect - IMA - 180kA - 600VAC delta - 3P3W - T1
TVS9IMA18O1 SCHNEIDER-TVS9IMA18O1 Datasheet
101Kb / 2P
Surge Protect - IMA - 180kA - 600VAC delta - 3P3W - T1
May 15, 2020
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com