Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM3130C Datasheet (PDF) - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM3130C
Description  support the highest input voltage 55V
File Size   930.43 Kbytes
Html View  1   2   3   4   5   6   7 
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM3130C Datasheet (PDF) - Shenzhen Huazhimei Semiconductor Co., Ltd



Similar Part No. - HM3130C

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM3130 HMSEMI-HM3130 Datasheet
431Kb / 8P
Built-in 100V/5A MOS wide input voltage step-down DC-DC
HM3130B HMSEMI-HM3130B Datasheet
347Kb / 6P
Wide voltage input switch step-down DC-DC
More results


Similar Description - HM3130C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WT8801 ETC-WT8801 Datasheet
137Kb / 8P
DIGITAL INPUT SUPPORT
logo
National Semiconductor ...
LM5119 NSC-LM5119_1 Datasheet
1Mb / 10P
Evaluation Board Input Voltage Range: 14V to 55V
logo
Illinois Capacitor, Inc...
ALG ILLINOISCAPACITOR-ALG Datasheet
176Kb / 2P
Highest capacitance & Voltage, Low ESR
AVG ILLINOISCAPACITOR-AVG Datasheet
193Kb / 2P
Highest capacitance & Voltage
logo
SL Power Electronics
MINT1175 SLPOWER-MINT1175_15 Datasheet
1Mb / 8P
the highest power density for a power supply
logo
MORNSUN Science& Techno...
K78L03-500R3 MORNSUN-K78L03-500R3 Datasheet
1Mb / 4P
Support the negative output
K78L03-1000R3 MORNSUN-K78L03-1000R3 Datasheet
1Mb / 4P
Support the negative output
K7803-500R3 MORNSUN-K7803-500R3 Datasheet
1Mb / 4P
Support the negative output
logo
List of Unclassifed Man...
TS121SZQ2 ETC2-TS121SZQ2 Datasheet
308Kb / 2P
Highest quality for the most demanding applications
logo
Littelfuse
T2200 LITTELFUSE-T2200 Datasheet
217Kb / 2P
The T2200 detects the highest
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com