Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM5911 Datasheet (PDF) - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM5911
Description  20V Stadoff, 2.4A Charger with 2.4a OTG for power Bank All-in-one solution
File Size   999.68 Kbytes
Html View  1   2   3   4   5   6 
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM5911 Datasheet (PDF) - Shenzhen Huazhimei Semiconductor Co., Ltd



Similar Part No. - HM5911

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM5910 HMSEMI-HM5910 Datasheet
1Mb / 7P
Low power PMU with 16V linear charger and 5V boost converter
HM5914 HMSEMI-HM5914 Datasheet
597Kb / 7P
Synchronous charge and discharge mobile power SOC
HM5915 HMSEMI-HM5915 Datasheet
941Kb / 12P
1.2A charging 1 A discharging Highly integrated mobile power SOC
HM5915 HMSEMI-HM5915 Datasheet
935Kb / 13P
3A charging 2.4A discharging Integrated DCP function mobile power SOC
HM5915 HMSEMI-HM5915 Datasheet
793Kb / 12P
Ultra-high efficiency 1.2A charging 1.2A discharging mobile power SOC
More results


Similar Description - HM5911

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
H2302N HSMC-H2302N Datasheet
93Kb / 4P
N-Channel Enhancement-Mode MOSFET (20V, 2.4A)
logo
Active-Semi, Inc
ACT2813 ACTIVE-SEMI-ACT2813 Datasheet
646Kb / 23P
5V/2.4A Power Bank Solution
Rev 2, 19-May-15
ACT2813 ACTIVE-SEMI-ACT2813_15 Datasheet
645Kb / 23P
5V/2.4A Power Bank Solution
Rev 2, 19-May-15
logo
E-CMOS Corporation
EC732302 E-CMOS-EC732302 Datasheet
757Kb / 6P
20V, 2.4A N-Channel MOSFET
logo
Molex Electronics Ltd.
0685324461 MOLEX1-0685324461 Datasheet
50Kb / 1P
In-Vehicle Dual Port USB Smart Charger with Backlight, 2.4A
0685324510 MOLEX1-0685324510 Datasheet
46Kb / 1P
In-Vehicle Single Port USB Smart Charger with Backlight, 2.4A
logo
Will Semiconductor Ltd.
WPM2015 WILLSEMI-WPM2015 Datasheet
813Kb / 8P
Single P-Channel, -20V, -2.4A, Power MOSFET
WPM2083 WILLSEMI-WPM2083 Datasheet
1Mb / 8P
Single P-Channel, -20V, -2.4A, Power MOSFET
logo
Shenzhen Huazhimei Semi...
HM5907 HMSEMI-HM5907 Datasheet
998Kb / 5P
3A Switching Charger, 2.4A Boost and Fuel Gauge in One ESOP8 with Single Inductor
logo
Coolgear Inc.
U2CHGRHUB10 COOLGEAR-U2CHGRHUB10 Datasheet
121Kb / 3P
10 Port Hi-Power 2.4A USB Charger Hub
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com