Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPA2161 Datasheet (PDF) - Lowpower Semiconductor inc

Part # LPA2161
Description  BOOST 7.0W AB/D
File Size   647.09 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LPA2161 Datasheet (PDF) - Lowpower Semiconductor inc



Similar Part No. - LPA2161

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LPA2160 POWER-LPA2160 Datasheet
640Kb / 11P
Charge Pump 4.9W AB/D
LPA2160-00 POWER-LPA2160-00 Datasheet
1Mb / 13P
Po at 10% THD plus N, VIN = 3.7V
LPA2162 POWER-LPA2162 Datasheet
1Mb / 11P
Integrated PWM/PFM boost convertor
LPA2163 POWER-LPA2163 Datasheet
1Mb / 18P
Build in EQ Function 8W Class- F Audio Amplifier With Boost Convertor Integrated
LPA2163SPF POWER-LPA2163SPF Datasheet
1Mb / 18P
Build in EQ Function 8W Class- F Audio Amplifier With Boost Convertor Integrated
More results


Similar Description - LPA2161

ManufacturerPart #DatasheetDescription
logo
Jiaxing Heroic Technolo...
HT8310 HEROIC-HT8310 Datasheet
601Kb / 4P
Built-in high efficiency adaptive charge pump boost, anti-shaving distortion, D/AB switching
HT8691 HEROIC-HT8691 Datasheet
99Kb / 2P
7.0WD/AB class audio power amplifier with built-in BOOST boost and anti-break function
logo
Shenzhenshi YONGFUKANG ...
CS8509E YONGFUKANG-CS8509E Datasheet
1Mb / 10P
EMI,AB/D
CS8532S YONGFUKANG-CS8532S Datasheet
2Mb / 12P
9Wx2,AB/D
CS83501E YONGFUKANG-CS83501E Datasheet
2Mb / 8P
BOOST,AB/D,10.7W
CSC8005 YONGFUKANG-CSC8005 Datasheet
226Kb / 5P
AB/D class switching audio power amplifier
logo
Lowpower Semiconductor ...
LPA2160 POWER-LPA2160 Datasheet
640Kb / 11P
Charge Pump 4.9W AB/D
logo
PHOENIX CONTACT
3040889 PHOENIX-3040889 Datasheet
61Kb / 3P
Support bracket - AB-SK 65-D INSULATED
09/12/2020
3025341 PHOENIX-3025341 Datasheet
82Kb / 3P
AB-SK
Jan 24, 2011
3062087 PHOENIX-3062087 Datasheet
66Kb / 3P
Support bracket - AB-SK-D TOP INSULATED
09/12/2020
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com