Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WLE1216VX-I Datasheet (PDF) - Compex Systems Pte. Lte.

Part # WLE1216VX-I
Description  Dual Band 4x4 802.11ac Wave 2 Mini PCIe WiFi Module
File Size   632.59 Kbytes
Html View  1   2   3   4   5 
Manufacturer  COMPEX [Compex Systems Pte. Lte.]
Direct Link  https://compex.com.sg/
Logo COMPEX - Compex Systems Pte. Lte.

WLE1216VX-I Datasheet (PDF) - Compex Systems Pte. Lte.



Similar Part No. - WLE1216VX-I

ManufacturerPart #DatasheetDescription
logo
Compex Systems Pte. Lte...
WLE1216VX COMPEX-WLE1216VX Datasheet
635Kb / 5P
Dual Band 4x4 802.11ac Wave 2 Mini PCIe WiFi Module
More results


Similar Description - WLE1216VX-I

ManufacturerPart #DatasheetDescription
logo
Compex Systems Pte. Lte...
WLE600VX COMPEX-WLE600VX Datasheet
895Kb / 5P
Dual Band 5GHz 2x2 MIMO 802.11ac Mini PCIe WiFi Module
WLE900VX COMPEX-WLE900VX Datasheet
947Kb / 5P
Dual Band 2.4 & 5 GHz 3x3 MIMO 802.11ac Mini PCIe WiFi Module
WLE600V5-27ESD COMPEX-WLE600V5-27ESD Datasheet
1Mb / 5P
Single Band 5GHz 2x2 MIMO 802.11ac Mini PCIe WiFi Module
WLE600VX-I COMPEX-WLE600VX-I Datasheet
314Kb / 5P
Dual Band 2.4GHz/5GHz 2x2 MIMO 802.11ac Mini PCIe WiFi Module
WLE900VX-I COMPEX-WLE900VX-I Datasheet
340Kb / 5P
Dual Band 2.4 & 5 GHz 3x3 MIMO 802.11ac Mini PCIe WiFi Module
WLE1000V5-20 COMPEX-WLE1000V5-20 Datasheet
916Kb / 4P
3x3 802.11ac Wave 2 Mini PCIe WiFi Module
WLE1216V5-20 COMPEX-WLE1216V5-20 Datasheet
1Mb / 4P
4x4 802.11ac Wave 2 Mini PCIe WiFi Module
WLE1216V5-20-I COMPEX-WLE1216V5-20-I Datasheet
1Mb / 4P
4x4 802.11ac Wave 2 Mini PCIe WiFi Module
WLE1216V5-23 COMPEX-WLE1216V5-23 Datasheet
973Kb / 4P
4x4 802.11ac Wave 2 Mini PCIe WiFi Module
WLE1216VX COMPEX-WLE1216VX Datasheet
635Kb / 5P
Dual Band 4x4 802.11ac Wave 2 Mini PCIe WiFi Module
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com