Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NFVA25012NP2T Datasheet (PDF) - ON Semiconductor

Part # NFVA25012NP2T
Description  Automotive 3-Phase 1200 V 50 A IGBT Intelligent Power Module
File Size   812.84 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NFVA25012NP2T Datasheet (PDF) - ON Semiconductor



Similar Part No. - NFVA25012NP2T

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NFVA22512NP2T ONSEMI-NFVA22512NP2T Datasheet
896Kb / 16P
ASPM34 Series Automotive 3-Phase 1200 V 25 A IGBT Intelligent Power Module
May, 2020 ??Rev. 0
NFVA23512NP2T ONSEMI-NFVA23512NP2T Datasheet
754Kb / 15P
Automotive 3?뭁hase 1200 V, 35 A IGBT Intelligent Power Module
December, 2019 ??Rev. 4
More results


Similar Description - NFVA25012NP2T

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NFAM2012L5BT ONSEMI-NFAM2012L5BT Datasheet
390Kb / 10P
Intelligent Power Module (IPM) 1200 V, 20 A
October, 2019 ??Rev. P0
NFVA22512NP2T ONSEMI-NFVA22512NP2T Datasheet
896Kb / 16P
ASPM34 Series Automotive 3-Phase 1200 V 25 A IGBT Intelligent Power Module
May, 2020 ??Rev. 0
NFVA23512NP2T ONSEMI-NFVA23512NP2T Datasheet
754Kb / 15P
Automotive 3?뭁hase 1200 V, 35 A IGBT Intelligent Power Module
December, 2019 ??Rev. 4
NFAM1012L5B ONSEMI-NFAM1012L5B Datasheet
395Kb / 9P
Intelligent Power Module (IPM) 1200 V, 10 A
December, 2019 ??Rev. P0
NFAM1012L5BT ONSEMI-NFAM1012L5BT Datasheet
346Kb / 9P
Intelligent Power Module (IPM) 1200 V, 10 A
December, 2019 ??Rev. P0
NFAM2012L5B ONSEMI-NFAM2012L5B Datasheet
487Kb / 9P
Intelligent Power Module (IPM) 1200 V, 20 A
October, 2019 ??Rev. P0
NFAM0512L5BT ONSEMI-NFAM0512L5BT Datasheet
218Kb / 9P
Intelligent Power Module (IPM) 1200 V, 5 A
March, 2020 ??Rev. P0
NFAM0512L5B ONSEMI-NFAM0512L5B Datasheet
317Kb / 10P
Intelligent Power Module (IPM) 1200 V, 5 A
March, 2020 ??Rev. P0
NFAM1512L7B ONSEMI-NFAM1512L7B Datasheet
650Kb / 16P
Intelligent Power Module (IPM) Inverter, 1200 V, 15 A
September, 2023 - Rev. 0
NFAM2512L7B ONSEMI-NFAM2512L7B Datasheet
470Kb / 16P
Intelligent Power Module (IPM) Inverter, 1200 V, 25 A
September, 2023 - Rev. 0
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com