Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTHL040N120SC1 Datasheet (PDF) - ON Semiconductor

Part # NTHL040N120SC1
Description  MOSFET - SiC Power, Single N-Channel 1200 V, 40 m, 60 A
File Size   242.9 Kbytes
Html View  1   2   3   4   5   6   7 
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTHL040N120SC1 Datasheet (PDF) - ON Semiconductor



Similar Part No. - NTHL040N120SC1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTHL040N120SC1 ONSEMI-NTHL040N120SC1 Datasheet
312Kb / 7P
Silicon Carbide (SiC) MOSFET – 40 mohm, 1200V, M1, TO-247-3L
May, 2022 - Rev. 3
NTHL040N120SC1 ONSEMI-NTHL040N120SC1 Datasheet
313Kb / 7P
Silicon Carbide (SiC) MOSFET – EliteSiC, 40mohm, 1200V, M1, TO-247-3L
January, 2023 - Rev. 4
NTHL040N120SC1 ONSEMI-NTHL040N120SC1_V01 Datasheet
312Kb / 7P
Silicon Carbide (SiC) MOSFET – 40 mohm, 1200V, M1, TO-247-3L
May, 2022 - Rev. 3
NTHL040N120SC1 ONSEMI-NTHL040N120SC1_V02 Datasheet
313Kb / 7P
Silicon Carbide (SiC) MOSFET – EliteSiC, 40mohm, 1200V, M1, TO-247-3L
January, 2023 - Rev. 4
More results


Similar Description - NTHL040N120SC1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTHL080N120SC1 ONSEMI-NTHL080N120SC1 Datasheet
374Kb / 7P
MOSFET - SiC Power, Single N-Channel 1200 V, 80 m, 31 A
April, 2020 ??Rev. 4
NTBG040N120SC1 ONSEMI-NTBG040N120SC1 Datasheet
249Kb / 8P
MOSFET ??SiC Power, Single N-Channel, D2PAK-7L 1200 V, 40 m, 60 A
February, 2020 ??Rev. 0
NTH4L020N120SC1 ONSEMI-NTH4L020N120SC1 Datasheet
283Kb / 8P
MOSFET ??SiC Power, Single N-Channel, TO247-4L 1200 V, 20 m, 102 A
April, 2020 ??Rev. 2
NTH4L040N120SC1 ONSEMI-NTH4L040N120SC1 Datasheet
282Kb / 8P
MOSFET ??SiC Power, Single N-Channel, TO247-4L 1200 V, 40 m, 58 A
April, 2020 ??Rev. 1
NTHL060N090SC1 ONSEMI-NTHL060N090SC1 Datasheet
773Kb / 7P
MOSFET - SiC Power, Single N-Channel 900 V, 60 m, 46 A
May, 2020 ??Rev. 2
NTHL160N120SC1 ONSEMI-NTHL160N120SC1 Datasheet
236Kb / 7P
MOSFET - SiC Power, Single N-Channel 1200 V, 160 m, 17 A
March, 2020 ??Rev. 0
NVH4L040N120SC1 ONSEMI-NVH4L040N120SC1 Datasheet
282Kb / 8P
MOSFET - SiC Power, Single N-Channel, TO247-4L 1200 V, 40 m, 58 A
April, 2020 ??Rev. 1
NVHL040N120SC1 ONSEMI-NVHL040N120SC1 Datasheet
246Kb / 7P
MOSFET - SiC Power, Single N-Channel 1200 V, 40 m, 60 A
April, 2020 ??Rev. 1
NVHL160N120SC1 ONSEMI-NVHL160N120SC1 Datasheet
240Kb / 7P
MOSFET - SiC Power, Single N-Channel 1200 V, 160 m, 17 A
March, 2020 ??Rev. 0
NTHL080N120SC1A ONSEMI-NTHL080N120SC1A Datasheet
288Kb / 7P
MOSFET - SiC Power, Single N-Channel 1200 V, 80 m, 31 A
April, 2020 ??Rev. 1
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com