Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFB24-PC Datasheet (PDF) - BELIMO AIRCONTROLS (USA), INC

Part # AFB24-PC
Description  Modulating, Spring Return, 24 V, 0 to 10 V Phasecut Control Signal
File Size   621.1 Kbytes
Html View  1   2   3 
Manufacturer  BELIMO [BELIMO AIRCONTROLS (USA), INC]
Direct Link  https://www.belimo.us/
Logo BELIMO - BELIMO AIRCONTROLS (USA), INC

AFB24-PC Datasheet (PDF) - BELIMO AIRCONTROLS (USA), INC



Similar Part No. - AFB24-PC

ManufacturerPart #DatasheetDescription
logo
BELIMO AIRCONTROLS (USA...
AFB24-IP BELIMO-AFB24-IP Datasheet
528Kb / 4P
Control modulating, Cloud, communicative,Hybrid
AFB24-MFT BELIMO-AFB24-MFT Datasheet
1Mb / 4P
Modulating, Spring Return, 24 V, Multi-Function Technology
AFB24-MFT-S BELIMO-AFB24-MFT-S Datasheet
1Mb / 4P
Modulating, Spring Return, 24 V, Multi-Function Technology
AFB24-MFT-S-X1 BELIMO-AFB24-MFT-S-X1 Datasheet
1Mb / 3P
Modulating, Spring Return, 24 V, Multi-Function
AFB24-MFT-X1 BELIMO-AFB24-MFT-X1 Datasheet
1Mb / 3P
Modulating, Spring Return, 24 V, Multi-Function Technology
More results


Similar Description - AFB24-PC

ManufacturerPart #DatasheetDescription
logo
BELIMO AIRCONTROLS (USA...
AFX24-MFT95 BELIMO-AFX24-MFT95 Datasheet
1Mb / 3P
Modulating, Spring Return, 24 V, 0 to 135 A Input
AFX24-MFT95N4 BELIMO-AFX24-MFT95N4 Datasheet
1Mb / 4P
NEMA 4, Modulating, Spring Return, 24 V, 0 to 135 A Input
AMX24-PC BELIMO-AMX24-PC Datasheet
457Kb / 3P
Modulating, Non-Spring Return, 24 V, 0 to 20 V Phasecut
GMX24-PC BELIMO-GMX24-PC Datasheet
461Kb / 3P
Modulating, Non-Spring Return, 24 V, 0 to 20 V Phasecut
AFB24-MFT95 BELIMO-AFB24-MFT95 Datasheet
1Mb / 3P
Modulating, Spring Return, 24 V, 0 to 135 廓 Input
AFX24LON BELIMO-AFX24LON Datasheet
725Kb / 3P
Modulating, Spring Return, 24 V, LonWorks
NMX24-MFT95 BELIMO-NMX24-MFT95 Datasheet
923Kb / 3P
Modulating, Non-Spring Return, 24 V, 0 to 135 廓 Input
AFB24-MFT-S-X1 BELIMO-AFB24-MFT-S-X1 Datasheet
1Mb / 3P
Modulating, Spring Return, 24 V, Multi-Function
AFRB24-SR BELIMO-AFRB24-SR Datasheet
665Kb / 2P
Modulating, Spring Return, AC 24 V for DC 2...10 V or 4...20 mA Control Signal
AFRX24-MFT95 BELIMO-AFRX24-MFT95 Datasheet
1Mb / 3P
Modulating, Spring Return, 24 V, 0 to 135 廓 Input
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com