Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SOU Datasheet (PDF) - Mitsumi Electronics, Corp.

Part # SOU
Description  Side Click Type Tactile Switches
File Size   92.01 Kbytes
Html View  1   2 
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

SOU Datasheet (PDF) - Mitsumi Electronics, Corp.



Similar Part No. - SOU

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
SOU COOPER-SOU Datasheet
143Kb / 2P
Box Cover Units for Plug Fuses
logo
IET Labs Inc.
SOURCE IET-SOURCE Datasheet
227Kb / 1P
Electronically Controlled Resistance Box
More results


Similar Description - SOU

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
SOH-213HST MITSUMI-SOH-213HST Datasheet
71Kb / 2P
Side Click Type Tactile Switches
logo
SHINMEI ELECTRIC CO., L...
TSW-1 SHINMEI-TSW-1 Datasheet
117Kb / 3P
Body Height 1.8mm, Side Push Type Tactile Switches
TSW-5 SHINMEI-TSW-5 Datasheet
105Kb / 2P
Height 1.0mm Type Tactile Switches
TSW-7 SHINMEI-TSW-7 Datasheet
184Kb / 3P
Height 1.4mm, Ultra-compact Sized Side Push Type Tactile Switches
TSW-20 SHINMEI-TSW-20 Datasheet
94Kb / 2P
Side Push Double Action Tactile Switches
TSW-31 SHINMEI-TSW-31 Datasheet
102Kb / 2P
Height 0.9mm, Compact Sized Side Push Type Tactile Switches
TSW-41 SHINMEI-TSW-41 Datasheet
92Kb / 2P
Multifunction Type Tactile Switches
logo
Mitsumi Electronics, Co...
SOG MITSUMI-SOG Datasheet
148Kb / 2P
Small Type Tactile Switches
STI MITSUMI-STI Datasheet
152Kb / 2P
Small Type Tactile Switches
STO MITSUMI-STO Datasheet
130Kb / 2P
Small Type Tactile Switches
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com